Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD54008L Datasheet(PDF) 3 Page - STMicroelectronics

Part # PD54008L
Description  RF POWER TRANSISTORS The LdmoST PLASTIC FAMILY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54008L Datasheet(HTML) 3 Page - STMicroelectronics

  PD54008L Datasheet HTML 1Page - STMicroelectronics PD54008L Datasheet HTML 2Page - STMicroelectronics PD54008L Datasheet HTML 3Page - STMicroelectronics PD54008L Datasheet HTML 4Page - STMicroelectronics PD54008L Datasheet HTML 5Page - STMicroelectronics PD54008L Datasheet HTML 6Page - STMicroelectronics PD54008L Datasheet HTML 7Page - STMicroelectronics PD54008L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
PD54008L
Return Loss Vs Output Power
-30
-25
-20
-15
-10
-5
0
0
1
23
456
78
9
10
Pout (W)
Idq = 200 mA
f = 500 MHz
Vds = 7.5 V
Power Gain Vs Output Power
10
11
12
13
14
15
16
17
18
19
20
01
23
456
78
9
10
Pout (W)
Idq = 100 mA
Idq = 200 mA
Idq = 150 mA
f = 500 MHz
Vds = 7.5 V
TYPICAL PERFORMANCE
Efficiency
Vs Output Power
0
10
20
30
40
50
60
70
80
01
23
45
6
7
8
9
10
Pout (W)
Idq = 200 mA
f = 500 MHz
Vds = 7.5 V
Capacitance Vs Supply Voltage
1
10
100
1000
0123456789
Vds (V)
Coss
Ciss
Crss
f = 1 MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com