Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMD-1648L Datasheet(PDF) 5 Page - Marki Microwave

Part # MMD-1648L
Description  High Isolation GaAs MMIC Doubler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKIMICROWAVE [Marki Microwave]
Direct Link  https://www.markimicrowave.com/
Logo MARKIMICROWAVE - Marki Microwave

MMD-1648L Datasheet(HTML) 5 Page - Marki Microwave

  MMD-1648L Datasheet HTML 1Page - Marki Microwave MMD-1648L Datasheet HTML 2Page - Marki Microwave MMD-1648L Datasheet HTML 3Page - Marki Microwave MMD-1648L Datasheet HTML 4Page - Marki Microwave MMD-1648L Datasheet HTML 5Page - Marki Microwave MMD-1648L Datasheet HTML 6Page - Marki Microwave  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
High Isolation GaAs MMIC Doubler
MMD-1648L
Page 5
Copyright © 2019 Marki Microwave, Inc. | Rev. A
Mounting and Bonding Recommendations
Marki MMICs should be attached directly to a ground plane with conductive epoxy. The ground plane electrical impedance
should be as low as practically possible. This will prevent resonances and permit the best possible electrical performance.
Datasheet performance is only guaranteed in an environment with a low electrical impedance ground.
Mounting - To epoxy the chip, apply a minimum amount of conductive epoxy to the mounting surface so that a thin epoxy fillet
is observed around the perimeter of the chip. Cure epoxy according to manufacturer instructions.
Wire Bonding - Ball or wedge bond with 0.025 mm (1 mil) diameter pure gold wire. Thermosonic wirebonding with a nominal
stage temperature of 150 °C and a ball bonding force of 40 to 50 grams or wedge bonding force of 18 to 22 grams is
recommended. Use the minimum level of ultrasonic energy to achieve reliable wirebonds. Wirebonds should be started on the
chip and terminated on the package or substrate. All bonds should be as short as possible <0.31 mm (12 mils).
Circuit Considerations
– 50 Ω transmission lines should be used for all high frequency connections in and out of the chip.
Wirebonds should be kept as short as possible, with multiple wirebonds recommended for higher frequency connections to
re
duce parasitic inductance. In circumstances where the chip more than .001” thinner than the substrate, a heat spreading
spacer tab is optional to further reduce bondwire length and parasitic inductance.
Handling Precautions
General Handling: Chips should be handled with a vacuum collet when possible, or with sharp tweezers using well trained
personnel. The surface of the chip is fragile and should not be contacted if possible.
Static Sensitivity: GaAs MMIC devices are subject to static discharge, and should be handled, assembled, tested, and
transported only in static protected environments.
Cleaning and Storage: Do not attempt to clean the chip with a liquid cleaning system or expose the bare chips to liquid.
Once the ESD sensitive bags the chips are stored in are opened, chips should be stored in a dry nitrogen atmosphere.
Bonding Diagram
Input
Output
Minimum
Space Gap/
Wirebond
Length
Multiple
Wirebonds
for Reduced
Inductance



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com