Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMD-1648L Datasheet(PDF) 6 Page - Marki Microwave

Part # MMD-1648L
Description  High Isolation GaAs MMIC Doubler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKIMICROWAVE [Marki Microwave]
Direct Link  https://www.markimicrowave.com/
Logo MARKIMICROWAVE - Marki Microwave

MMD-1648L Datasheet(HTML) 6 Page - Marki Microwave

  MMD-1648L Datasheet HTML 1Page - Marki Microwave MMD-1648L Datasheet HTML 2Page - Marki Microwave MMD-1648L Datasheet HTML 3Page - Marki Microwave MMD-1648L Datasheet HTML 4Page - Marki Microwave MMD-1648L Datasheet HTML 5Page - Marki Microwave MMD-1648L Datasheet HTML 6Page - Marki Microwave  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
High Isolation GaAs MMIC Doubler
MMD-1648L
Page 6
Copyright © 2019 Marki Microwave, Inc. | Rev. A
Port
Description
DC Interface Schematic
F Input
The input port is DC open and AC matched to 50 Ohms from 8 to 24
GHz. Blocking capacitor is optional.
2F Output
The output port is DC open and AC matched to 50 Ohms from 16 to
48 GHz. Blocking capacitor is optional.
Absolute Maximum Ratings
Parameter
Maximum Rating
Input DC Current
N/A
Output DC Current
N/A
RF Power Handling
+25 dBm at +25°C, derated
linearly to +20 dBm at +100°C
Operating Temperature
-55ºC to +100ºC
Storage Temperature
-65ºC to +125ºC
DATA SHEET NOTES:
1. Doubled Loss typically degrades less than 0.5 dB at +100°C and improves less than 0.5 dB at -55°C.
2. Unless otherwise specified, L-Diode data is taken with a +13 dBm input.
3. Suppression (dBc) specified as relative to the 2F output frequency.
4. Measured data from connectorized package. Contact support for details on how to test for high isolation levels.
5. Specifications are subject to change without notice. Contact Marki Microwave for the most recent specifications and data sheets.
6. Catalog doubler circuits are continually improved. Configuration control requires custom model numbers and specifications.
Note: Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the
limit and all other parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
Revision History
Revision Code
Revision Date
Comment
-
August 2016
Initial Release
A
September 2019
Added CH Package Dimensions
B
January 2020
Die Shrink
Marki Microwave reserves the right to make changes to the product(s) or information contained herein without notice. Marki Microwave makes no warranty,
representation, or guarantee regarding the suitability of its products for any particular purpose, nor does Marki Microwave assume any
liability whatsoever arising out of the use or application of any product.
215 Vineyard Court, Morgan Hill, CA 95037 | Ph: 408.778.4200 | Fax 408.778.4300 | info@markimicrowave.com
www.markimicrowave.com
F
2F



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com