Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM2BC Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # ESM2BC
Description  Super-mini Signal Conditioners Mini-M Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ESM2BC Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  ESM2BC Datasheet HTML 1Page - M-System Co.,Ltd. ESM2BC Datasheet HTML 2Page - M-System Co.,Ltd. ESM2BC Datasheet HTML 3Page - M-System Co.,Ltd. ESM2BC Datasheet HTML 4Page - M-System Co.,Ltd. ESM2BC Datasheet HTML 5Page - M-System Co.,Ltd. ESM2BC Datasheet HTML 6Page - M-System Co.,Ltd. ESM2BC Datasheet HTML 7Page - M-System Co.,Ltd. ESM2BC Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MODEL: M2BC
M2BC SPECIFICATIONS
ES-5010 Rev.6 Page 3/8
http://www.m-system.co.jp/
PERFORMANCE in percentage of span
A/D conversion: Accuracy of input module ±0.1%
D/A conversion: Accuracy of M2VS ±0.1 %
Permissible power failure duration: ≤ 10 msec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1000 V AC @1 minute (power to I/O
module to CC-Link module to FG1)
COMM. MODULE FRONT PANEL
L RUN
PU-2
B RATE
STATION NO.
L ERR.
SD
RD
PWR
3
2
3
2
3
2
X1
X10
E
F
D
C
B
A
A: Modular jack for factory calibration
B: Power LED
C: Station No. Setting
D: Baud rate Setting
E: Status indicator LED
F: Euro type connector terminal for CC-Link
COMMUNICATION CABLE CONNECTIONS
DA
DB
DG
SLD
FG
MASTER UNIT
DA
DB
DG
SLD
FG
M2BC
DA
DB
DG
SLD
FG
I/O UNIT
TERMINATOR
blue
white
yellow



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com