Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM2BC Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # ESM2BC
Description  Super-mini Signal Conditioners Mini-M Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ESM2BC Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  ESM2BC Datasheet HTML 1Page - M-System Co.,Ltd. ESM2BC Datasheet HTML 2Page - M-System Co.,Ltd. ESM2BC Datasheet HTML 3Page - M-System Co.,Ltd. ESM2BC Datasheet HTML 4Page - M-System Co.,Ltd. ESM2BC Datasheet HTML 5Page - M-System Co.,Ltd. ESM2BC Datasheet HTML 6Page - M-System Co.,Ltd. ESM2BC Datasheet HTML 7Page - M-System Co.,Ltd. ESM2BC Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MODEL: M2BC
M2BC SPECIFICATIONS
ES-5010 Rev.6 Page 2/8
http://www.m-system.co.jp/
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
RWr n+0
SIGN
BIT
INPUT 1 A/D CONVERSION DATA
RWr n+1
SIGN
BIT
INPUT 2 A/D CONVERSION DATA
RWr n+2
SIGN
BIT
INPUT 3 A/D CONVERSION DATA
RWr n+3
SIGN
BIT
INPUT 4 A/D CONVERSION DATA
RWr n+7
SIGN
BIT
INPUT 8 A/D CONVERSION DATA
RWr n+11
SIGN
BIT
INPUT 12 A/D CONVERSION DATA
RWr n+15
SIGN
BIT
INPUT 16 A/D CONVERSION DATA
RWr n+0 through RWr n+3 for 4 inputs.
RWr n+0 through RWr n+7 for 8 inputs.
RWr n+0 through RWr n+15 for 16 inputs.
s A/D CONVERSION DATA
OUTPUT SPECIFICATIONS
Output modules: Model M2VS; input 1 – 5 V DC
■ Analog Output
Output range: See model M2VS spec.
Isolation: Transformer
D/A conversion output: Signed binary
Signal range 0 – 100 % is converted into hexadecimal 0000
– 2710 (0 – 10000). -15 to 0 % is a negative range
represented by 2's complements.
Overall range is represented by hexadecimal FA24 – 2CEC
(-1500 – +11500), for -15 – +115 %.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
RWw n+0
SIGN
BIT
OUTPUT 1 D/A CONVERSION DATA
RWw n+1
SIGN
BIT
OUTPUT 2 D/A CONVERSION DATA
RWw n+2
SIGN
BIT
OUTPUT 3 D/A CONVERSION DATA
RWw n+3
SIGN
BIT
OUTPUT 4 D/A CONVERSION DATA
RWw n+7
SIGN
BIT
OUTPUT 8 D/A CONVERSION DATA
RWw n+11
SIGN
BIT
OUTPUT 12 D/A CONVERSION DATA
RWw n+15
SIGN
BIT
OUTPUT 16 D/A CONVERSION DATA
RWw n+0 through RWw n+3 for 4 outputs.
RWw n+0 through RWw n+7 for 8 outputs.
RWw n+0 through RWw n+15 for 16 outputs.
s D/A CONVERSION DATA
INSTALLATION
Power Consumption:
•AC:
approx. 6 VA without I/O module
approx. 30 VA with 4 modules (M2DY)
approx. 50 VA with 8 modules (M2DY)
approx. 90 VA with 16 modules (M2DY)
Current consumption:
•DC
approx. 0.25 A without I/O module
approx. 1 A with 4 modules (M2DY)
approx. 1.5 A with 8 modules (M2DY)
approx. 2.5 A with 16 modules (M2DY)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Surface
Weight: Without I/O module
M2BC-04 1.2 kg (2.6 lb)
M2BC-08 1.5 kg (3.3 lb)
M2BC-16 2 kg (4.4 lb)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com