Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM2BC Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # ESM2BC
Description  Super-mini Signal Conditioners Mini-M Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ESM2BC Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  ESM2BC Datasheet HTML 1Page - M-System Co.,Ltd. ESM2BC Datasheet HTML 2Page - M-System Co.,Ltd. ESM2BC Datasheet HTML 3Page - M-System Co.,Ltd. ESM2BC Datasheet HTML 4Page - M-System Co.,Ltd. ESM2BC Datasheet HTML 5Page - M-System Co.,Ltd. ESM2BC Datasheet HTML 6Page - M-System Co.,Ltd. ESM2BC Datasheet HTML 7Page - M-System Co.,Ltd. ESM2BC Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MODEL: M2BC
M2BC SPECIFICATIONS
ES-5010 Rev.6 Page 1/8
http://www.m-system.co.jp/
Super-mini Signal Conditioners Mini-M Series
COMMUNICATION CONTROLLER
(CC-Link)
Functions & Features
• Receiving up to 16 Mini-M modules
• Enabling interfacing analog I/Os to CC-Link
• Power supplied through printed wiring on the base
SPAN
SPAN
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
ZERO
Model
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
Model
SPAN
ZERO
MODEL: M2BC–[1][2]-[3]
ORDERING INFORMATION
• Code number: M2BC-[1][2]-[3]
Specify a code from below for [1] through [3].
(e.g. M2BC-161-K)
Power input specification for each I/O modules must be the
same as that of the base.
[1] CAPACITY
04: 4 positions
08: 8 positions
16: 16 positions
[2] I/O TYPE
1: Input
2: Output
[3] POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
PACKAGE INCLUDES...
• Terminating resistor (110 Ω, 0.5 W)
GENERAL SPECIFICATIONS
Capacity: 4, 8 or 16 positions
Connection
CC-Link: Euro type connector terminal
(applicable wire size: 0.2 to 2.5 mm2, stripped length 7 mm)
I/O: M3 screw terminals (torque 0.8 N·m)
Power input: M3 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel
Isolation: I/O to CC-Link to power to FG1
Power indicator: Green LED turns on with power supplied.
CC-Link COMMUNICATION
CC-Link: Conforms to Version 1.10
Station type: Remote device station
Station No. setting: Rotary switch; 1 – 64
(factory set to:00)
Number of occupied stations:
M2BC-04: 1 station
M2BC-08: 2 stations
M2BC-16: 4 stations
Remote I/O (RX, RY) is fixed to 32 points.
Baud rate setting: Rotary switch
(156kbps(factory setting), 625kbps, 2.5Mbps, 5Mbps,
10Mbps)
Transmission cable: Approved for CC-Link
L RUN indicator: Red LED turns on in an normal condition.
L ERR. indicator: Red LED turns on or flashes in an
abnormality; off with wire breakdown.
SD indicator: Red LED turns on when transmitting.
RD indicator: Red LED turns on when receiving.
INPUT SPECIFICATIONS
Input modules: Mini-M series; output 1 – 5 V DC;
(Each input must be isolated by signal conditioners. Non-
isolated modules such as M2BW is not usable.)
■ Analog Input
Input range: See each I/O module spec.
Isolation: Transformer (by Mini-M module)
A/D conversion output: Signed binary
Signal range 0 – 100 % is converted into hexadecimal 0000
– 2710 (0 – 10000). -15 to 0 % is a negative range
represented by 2's complements.
Overall range is represented by hexadecimal FA24 – 2CEC
(-1500 – +11500), for -15 – +115 %.


Similar Part No. - ESM2BC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
ESM2BD MSYSTEM-ESM2BD Datasheet
219Kb / 7P
Super-mini Signal Conditioners Mini-M Series
ESM2BS2 MSYSTEM-ESM2BS2 Datasheet
196Kb / 5P
Super-mini Signal Conditioners Mini-M Series
ESM2BS8 MSYSTEM-ESM2BS8 Datasheet
130Kb / 4P
Super-mini Signal Conditioners Mini-M Series
More results

Similar Description - ESM2BC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2AP MSYSTEM-M2AP Datasheet
133Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2AMS2 MSYSTEM-M2AMS2 Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2DYS MSYSTEM-M2DYS Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2DYHR MSYSTEM-M2DYHR Datasheet
107Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2BW MSYSTEM-M2BW Datasheet
88Kb / 2P
Super-mini Signal Conditioners Mini-M Series
M2LMS MSYSTEM-M2LMS Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2FV MSYSTEM-M2FV Datasheet
113Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2PHS2 MSYSTEM-M2PHS2 Datasheet
128Kb / 5P
Super-mini Signal Conditioners Mini-M Series
M2XV2 MSYSTEM-M2XV2 Datasheet
118Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2VF MSYSTEM-M2VF Datasheet
111Kb / 6P
Super-mini Signal Conditioners Mini-M Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com