Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9268 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC9268
Description  36V Operation 600mA Synchronous Step-Down DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9268 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC9268 Datasheet HTML 9Page - Torex Semiconductor XC9268 Datasheet HTML 10Page - Torex Semiconductor XC9268 Datasheet HTML 11Page - Torex Semiconductor XC9268 Datasheet HTML 12Page - Torex Semiconductor XC9268 Datasheet HTML 13Page - Torex Semiconductor XC9268 Datasheet HTML 14Page - Torex Semiconductor XC9268 Datasheet HTML 15Page - Torex Semiconductor XC9268 Datasheet HTML 16Page - Torex Semiconductor XC9268 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13/30
XC9268
Series
■OPERATIONAL EXPLANATION(Continued)
<Current limiting>
The current limiting circuit of the XC9268 series monitors the current that flows through the High-side driver transistor and
Low-side driver transistor, and when over-current is detected, the current limiting function activates.
(1) High-side driver Tr. current limiting
The current in the High-side driver Tr. is detected to equivalently monitor the peak value of the coil current. The High-side driver
Tr. current limiting function forcibly turns off the High-side driver Tr. when the peak value of the coil current reaches the High-
side driver current limit value ILIMH.
High-side driver Tr. current limit value ILIMH=1.3A (TYP.)
(2) Low-side driver Tr. current limiting
The current in the Low-side driver Tr. is detected to equivalently monitor the bottom value of the coil current. The Low-side
driver Tr. current limiting function operates when the High-side driver Tr. current limiting value reaches ILIMH. The Low-side driver
Tr. current limiting function prohibits the High-side driver Tr. from turning on in an over-current state where the bottom value of
the coil current is higher than the Low-side driver Tr. current limit value ILIML.
Low side driver Tr. current limit value ILIML=0.9A (TYP.)
The current foldback circuit operates control to lower the switching frequency fOSC. When the over-current state is released,
normal operation resumes.
ILX
VOUT
VLX
ILIMH=1.3A(TYP.)
ILIML=0.9A(TYP.)
0A
0V
Current Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com