Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9268 Datasheet(PDF) 29 Page - Torex Semiconductor

Part # XC9268
Description  36V Operation 600mA Synchronous Step-Down DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9268 Datasheet(HTML) 29 Page - Torex Semiconductor

Back Button XC9268 Datasheet HTML 22Page - Torex Semiconductor XC9268 Datasheet HTML 23Page - Torex Semiconductor XC9268 Datasheet HTML 24Page - Torex Semiconductor XC9268 Datasheet HTML 25Page - Torex Semiconductor XC9268 Datasheet HTML 26Page - Torex Semiconductor XC9268 Datasheet HTML 27Page - Torex Semiconductor XC9268 Datasheet HTML 28Page - Torex Semiconductor XC9268 Datasheet HTML 29Page - Torex Semiconductor XC9268 Datasheet HTML 30Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
29/30
XC9268
Series
■MARKING RULE
①② represents product series, products type,
※USP-6CUnder dot
③ presents Oscillation Frequency
④⑤ represents production lot number
01~09, 0A~0Z, 11~9Z, A1~A9, AA~AZ, B1~ZZ repeated
(G,I,J,O,Q,W excluded)* No character inversion used.
MARK
PRODUCT SERIES
①
②
6
1
XC9268B75***-G
MARK
Oscillation Frequency
PRODUCT SERIES
N
1.2MHz
XC9268B75C**-G
U
2.2MHz
XC9268B75D**-G
●SOT-89-5
●USP-6C(Under dot)
1
2
3
6
5
4
(
仕様
5
2
4
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com