Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9268 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC9268
Description  36V Operation 600mA Synchronous Step-Down DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9268 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC9268 Datasheet HTML 15Page - Torex Semiconductor XC9268 Datasheet HTML 16Page - Torex Semiconductor XC9268 Datasheet HTML 17Page - Torex Semiconductor XC9268 Datasheet HTML 18Page - Torex Semiconductor XC9268 Datasheet HTML 19Page - Torex Semiconductor XC9268 Datasheet HTML 20Page - Torex Semiconductor XC9268 Datasheet HTML 21Page - Torex Semiconductor XC9268 Datasheet HTML 22Page - Torex Semiconductor XC9268 Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
19/30
XC9268
Series
■TYPICAL PERFORMANCE CHARACTERISTICS(Continued)
(2) Output Voltage vs. Output Current
(3) Ripple Voltage vs. Output Current
(4) FB Voltage vs. Ambient Temperature
(5) UVLO Voltage vs. Ambient Temperature
2.30
2.50
2.70
2.90
3.10
3.30
3.50
3.70
3.90
4.10
4.30
1
10
100
1000
Output Current :IOUT[mA]
XC9268B75Dxx
(VIN=12V, VOUT=3.3V, fOSC=2.2MHz)
L=2.2μH(CLF5030NIT-2R2), CIN=2.2μF×2(C2012X7R1H225K)
CL=10μF×2 (C3216X7R1E106K)
4.00
4.20
4.40
4.60
4.80
5.00
5.20
5.40
5.60
5.80
6.00
1
10
100
1000
Output Current :IOUT[mA]
XC9268B75Dxx
(VIN=12V, VOUT=5V, fOSC=2.2MHz)
L=3.3μH(CLF5030NIT-3R3), CIN=2.2μF×2(C2012X7R1H225K)
CL=10μF×2 (C3216X7R1E106K)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current :IOUT[mA]
XC9268B75Cxx
(VIN=12V, VOUT=5V, fOSC=1.2MHz)
L=6.8μH(CLF5030NIT-6R8), CIN=4.7μF×2(C2012X6S1H475K)
CL=10μF×2 (C3216X7R1E106K)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current :IOUT[mA]
XC9268B75Dxx
(VIN=12V, VOUT=5V, fOSC=2.2MHz)
L=3.3μH(CLF5030NIT-3R3), CIN=2.2μF×2(C2012X7R1H225K)
CL=10μF×2 (C3216X7R1E106K)
2.5
2.6
2.7
2.8
2.9
3.0
-50
-25
0
25
50
75
100
125
Ambient Temperature :Ta[℃]
XC9268B75xxx
VUVLO 1(Dete ctVoltage )
VUVLO 2(ReleaseVo ltag e)
0.740
0.745
0.750
0.755
0.760
-50
-25
0
25
50
75
100
125
Ambient Temperature :Ta[℃]
XC9268B75xxx
VIN=12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com