Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3621 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC3621
Description  Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3621 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC3621 Datasheet HTML 10Page - Analog Devices LTC3621 Datasheet HTML 11Page - Analog Devices LTC3621 Datasheet HTML 12Page - Analog Devices LTC3621 Datasheet HTML 13Page - Analog Devices LTC3621 Datasheet HTML 14Page - Analog Devices LTC3621 Datasheet HTML 15Page - Analog Devices LTC3621 Datasheet HTML 16Page - Analog Devices LTC3621 Datasheet HTML 17Page - Analog Devices LTC3621 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC3644/LTC3644-2
14
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
during dead-time and inductor core losses, generally
account for less than 2% total additional loss.
Thermal Conditions
In a majority of applications, the LTC3644 does not
dissipate much heat due to its high efficiency. However,
in applications where the LTC3644 is running at high
ambient temperature, high VIN, high switching frequency,
andmaximumoutputcurrentload,theheatdissipatedmay
exceed the maximum junction temperature of the part. If
the junction temperature reaches approximately 160°C,
all power switches will be turned off until the temperature
drops about 15°C cooler.
To avoid the LTC3644 from exceeding the maximum
junction temperature, the user need to do some thermal
analysis. The goal of the thermal analysis is to determine
whether the power dissipated exceeds the maximum
junction temperature of the part. The temperature rise is
given by:
TRISE = PD • θJA
As an example, consider the case when the LTC3644 is
used in applications where VIN = 12V, IOUT1 = IOUT2 = IOUT3
= IOUT4 = 0.8A, f = 1MHz, VOUT = 1.8V. The equivalent
power MOSFET resistance RSW is:
RSW =RDS(ON)TOP •
VOUT
VIN
+RDS(ON)BOT • 1−
VOUT
VIN
⎛
⎝⎜
⎞
⎠⎟
= 300mΩ•
1.8V
12V
+80mΩ• 1−
1.8V
12V
⎛
⎝⎜
⎞
⎠⎟
= 113mΩ
The active current through VIN at 1MHz without load is
about 5mA, which includes switching and internal biasing
currentloss,andtransitionloss.Therefore,thetotalpower
dissipated by the part is:
PD = 4 • IOUT2 • RSW + VIN • IIN(Q)
= 4 • 0.8A2 • 113mΩ + 12V • 5mA
= 349mW
For the BGA package, the θJA is 25°C/W as measured
on the LTC3644 demo board. Therefore, the junction
temperature of the regulator operating at 25°C ambient
temperature is approximately:
TJ = 349mW • 25°C/W + 25°C = 33.7°C
Remembering that the above junction temperature is
obtained from an RDS(ON) at 25°C, we might recalculate
the junction temperature based on a higher RDS(ON) since
it increases with temperature. Redoing the calculation
assuming that RSW increased 5% at 33.7°C yields a new
junction temperature of 34.1°C. If the application calls
for a higher ambient temperature and/or higher switching
frequency, care should be taken to reduce the temperature
rise of the part by using a heat sink or airflow.
Board Layout Considerations
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of
the LTC3644 (refer to Figure 4). Check the following in
the layout:
1. Do the capacitors CIN connect to the VIN and GND as
close as possible? These capacitors provide the AC
currenttotheinternalpowerMOSFETsandtheirdrivers.
Does CVCC connect to INTVCC as close as possible?
2. Are COUT and L closely connected? The (–) plate of
COUT returns current to GND and the (–) plate of CIN.
3. The resistive divider, R1 and R2, must be connected
between the (+) plate of COUT and a ground line
terminated near GND. The feedback signal VFB should
be routed away from noisy components and traces,
such as the SW line, and its trace length should be
minimized. Keep R1 and R2 close to the IC.
4. KeepsensitivecomponentsawayfromtheSWpin.The
input capacitor, CIN, feedback resistors, and INTVCC
bypass capacitors should be routed away from the
SW trace and the inductor.
5. Agroundplaneispreferred.Useseveralviasconnected
to ground on the component side.
6. Flood all unused areas on all layers with copper, which
reduces the temperature rise of power components.
These copper areas should be connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com