Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3621 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC3621
Description  Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3621 Datasheet(HTML) 3 Page - Analog Devices

  LTC3621 Datasheet HTML 1Page - Analog Devices LTC3621 Datasheet HTML 2Page - Analog Devices LTC3621 Datasheet HTML 3Page - Analog Devices LTC3621 Datasheet HTML 4Page - Analog Devices LTC3621 Datasheet HTML 5Page - Analog Devices LTC3621 Datasheet HTML 6Page - Analog Devices LTC3621 Datasheet HTML 7Page - Analog Devices LTC3621 Datasheet HTML 8Page - Analog Devices LTC3621 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC3644/LTC3644-2
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3644/LTC3644-2 is tested under pulsed load conditions
such that TJ ≈ TA. The LTC3644E is guaranteed to meet specified
performance from 0°C to 85°C. Specifications over the –40°C to
125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC3644I is guaranteed over the –40°C to 125°C operating junction
temperature range. Note that the maximum ambient temperature
consistent with these specifications is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
impedance, and other environmental factors. The junction temperature
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). SVIN = VIN1 = VIN2 = VIN3 = VIN4 = 12V, unless
otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
NMOS Switch Leakage
PMOS Switch Leakage
0.1
0.1
1
1
µA
µA
RDS(ON)
NMOS On Resistance
PMOS On Resistance
80
300
mΩ
mΩ
tON(MIN)
Minimum On Time
(Note 6)
60
ns
VRUN
RUN Input High
RUN Input Low
0.35
1.0
V
RUN Input Current
VRUN = 12V
0.1
10
nA
VMODE/SYNC
Pulse-Skipping Mode
Forced Continuous Mode
Burst Mode Operation
1.0
VINTVCC – 0.4
0.3
VINTVCC – 1.2
VINTVCC + 0.3V
V
V
V
MODE/SYNC Input Current
0.1
100
nA
PHASE Input Threshold
Input Low
Input High
VINTVCC – 0.4
0.4
V
V
PHASE Input Current
VPHASE = 6V
0.1
100
nA
tSS
Internal Soft Start Time
1.1
ms
ILIM
Peak Current Limit
1.25A Regulator
2.5A Regulator (2-Channel Combined)
3.75A Regulator (3-Channel Combined)
1.8
2.2
4.4
6.6
2.6
A
A
A
VINTVCC Undervoltage Lockout
SVIN Ramping Up
2.35
2.5
2.65
V
VINTVCC Undervoltage Lockout Hysteresis
250
mV
VIN Overvoltage Lockout Rising
l
18
19
20
V
VIN Overvoltage Lockout Hysteresis
400
mV
fOSC
Oscillator Frequency
LTC3644-2
LTC3644
l
l
1.8
0.82
2.25
1.00
2.60
1.16
MHz
MHz
SYNC Capture Range
% of Programmed Frequency
50
150
%
VINTVCC
VINTVCC Voltage
SVIN > 5.5V
5
V
Power Good Range
±7.5
%
RPGOOD
Power Good Resistance
275
350
Ω
tPGOOD
PGOOD Delay
PGOOD Low to High
PGOOD High to Low
0
32
Cycles
Cycles
Phase Shift Between Channel 1/2 and
Channel 3/4
VPHASE = 0V
VPHASE = INTVCC, VMODE/SYNC = 0V
0
180
Deg
Deg
(TJ, in °C) is calculated from the ambient temperature (TA, in °C) and
power dissipation (PD, in Watts) according to the formula:
TJ = TA + (PD • θJA),
where θJA (in °C/W) is the package thermal impedance.
Note 3: The quiescent current in active mode does not include switching
loss of the power FETs.
Note 4: The LTC3644 is tested in a proprietary test mode that connects
VFB to the output of error amplifier.
Note 5: This IC includes overtemperature protection that is intended to protect the
device during momentary overload conditions. Junction temperature will exceed
125°C when overtemperature protection is active. Continuous operation above the
specified maximum operating junction temperature may impair device reliability.
Note 6: The minimum on-time is determined by the speed of the top
switch driver and peak current comparator. The typical value listed here is
guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com