Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3621 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC3621
Description  Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3621 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC3621 Datasheet HTML 12Page - Analog Devices LTC3621 Datasheet HTML 13Page - Analog Devices LTC3621 Datasheet HTML 14Page - Analog Devices LTC3621 Datasheet HTML 15Page - Analog Devices LTC3621 Datasheet HTML 16Page - Analog Devices LTC3621 Datasheet HTML 17Page - Analog Devices LTC3621 Datasheet HTML 18Page - Analog Devices LTC3621 Datasheet HTML 19Page - Analog Devices LTC3621 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC3644/LTC3644-2
20
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2021
03/21
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
0.85A/2.5A Series Output 1MHz Step-Down Regulator
PART NUMBER
DESCRIPTION
COMMENTS
LTC3621/
LTC3621-2
1A, 17V, 1MHz/2.25MHz, Synchronous
Step-Down Regulator
95% Efficiency, VIN: 2.7V to 17V, VOUT(MIN) = 0.6V, IQ = 3.5µA, ISD < 1µA,
2mm × 3mm DFN-6, MSOP-8E Packages
LTC3600
1.5A, 15V, 4MHz Synchronous Rail-to-Rail Single
Resistor Step-Down Regulator
95% Efficiency, VIN: 4V to 15V, VOUT(MIN) = 0V, IQ = 700µA, ISD < 1µA,
3mm × 3mm DFN-12, MSOP-12E Packages
LTC3601
15V, 1.5A (IOUT) 4MHz Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 4.5V to 15V, VOUT(MIN) = 0.6V, IQ = 300µA, ISD < 1µA,
4mm × 4mm QFN-20, MSOP-16E Packages
LTC3603
15V, 2.5A (IOUT) 3MHz Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 4.5V to 15V, VOUT(MIN) = 0.6V, IQ = 75µA, ISD < 1µA,
4mm × 4mm QFN-20, MSOP-16E Packages
LTC3633A
20V, Dual 3A (IOUT) 4MHz Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 3.6V to 20V, VOUT(MIN) = 0.6V, IQ = 500µA, ISD < 15µA,
4mm × 5mm QFN-28, TSSOP-28E Packages. A Version Up to 20VIN
LTC3605A
20V, 5A (IOUT) 4MHz Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 4V to 20V, VOUT(MIN) = 0.6V, IQ = 2mA, ISD < 15µA,
4mm × 4mm QFN-24 Package. A Version Up to 20VIN
LTC3604
15V, 2.5A (IOUT) 4MHz Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 3.6V to 15V, VOUT(MIN) = 0.6V, IQ = 300µA, ISD < 14µA,
3mm × 3mm QFN-16, MSOP-16E Packages
LTC3624/
LTC3624-2
2A, 17V, 1MHz/2.25MHz Synchronous Step-Down
Regulator
95% Efficiency, VIN: 2.7V to 17V, VOUT(MIN) = 0.6V, IQ = 3.5µA, ISD < 1µA,
3mm × 3mm DFN-8, MSOP-12E Packages
LTC3622/
LTC3622-2/
LTC3622-23/5
Dual 1A, 17V 1MHz/2.25MHz Synchronous Step-Down
Regulator
95% Efficiency, VIN: 2.7V to 17V, VOUT(MIN) = 0.6V, IQ = 5µA, ISD ≤ 1µA,
3mm × 4mm DFN-14, MSOP-16E Packages
LTC7124
Dual Channel 3.5A, 17V Monolithic Synchronous
Step-Down Regulator
95% Efficiency, VIN: 3.1V to 17V, VOUT(MIN) = 0.6V, IQ < 8μA, ISD < 1μA,
3mm × 5mm QFN-24
CIN
22µF
×2
CVCC
4.7µF
CFF1
22pF
COUT1
47µF
×2
CFF2
22pF
COUT2
47µF
×2
R1
619k
R2
84.5k
R3
619k
R4
137k
L1
3.3µH
L2
2.2µH
R5
10k
MODE/SYNC
GND
VIN
12V
LTC3644
VIN1
VIN2
SVIN
RUN3
RUN4
RUN1
RUN2
PGOOD2
PGOOD3
PGOOD4
PGOOD1
INTVCC
PHASE
FB3
SW1
SW2
SW3
SW4
VOUT4
3.3V AT 2.5A
VOUT1
5V AT 0.85A
+IVIN3-4
FB1
FB2
FB4
VIN3
VIN4
3644 TA02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com