Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6VA25616-TC Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS6VA25616-TC
Description  2.7V to 3.3V 256K x 16 Intelliwatt low-power CMOS SRAM with one chip enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6VA25616-TC Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS6VA25616-TC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6VA25616-TC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6VA25616-TC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6VA25616-TC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6VA25616-TC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6VA25616-TC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6VA25616-TC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6VA25616-TC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6VA25616-TC Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
®
4
ALLIANCE SEMICONDUCTOR
10/6/00
AS6VA25616
Read cycle (over the operating range)3,9
Shaded areas indicate preliminary information.
Key to switching waveforms
Read waveform 1 (address controlled)3,6,7,9
Read waveform 2 (CS, OE, UB, LB controlled)3,6,8,9
Parameter
Symbol
Min
Max
Unit
Notes
Read cycle time
tRC
55
–
ns
Address access time
tAA
–55
ns
3
Chip select (CS) access time
tACS
–55
ns
3
Output enable (OE) access time
tOE
–25
ns
Output hold from address change
tOH
10
–
ns
5
CS low t
o output in low Z
tCLZ
10
–
ns
4, 5
CS
high to output in high Z
tCHZ
020
ns
4, 5
OE
low to output in low Z
tOLZ
5
–
ns
4, 5
UB/LB access time
tBA
–55
ns
UB/LB low to low Z
tBLZ
10
–
ns
4, 5
UB/LB high to high Z
tBHZ
020
ns
4, 5
OE
high to output in high Z
tOHZ
020
ns
4, 5
Power up time
tPU
0
–
ns
4, 5
Power down time
tPD
–55
ns
4, 5
Undefined/don’t care
Falling input
Rising input
tOH
tAA
tRC
tOH
DOUT
Address
Data valid
Previous data valid
Data valid
tRC
tAA
tBLZ
tBA
tOE
tOLZ
tOH
tOHZ
tHZ
tBHZ
tACS
tLZ
Address
OE
CS
LB, UB
DOUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com