Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6VA25616-TC Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS6VA25616-TC
Description  2.7V to 3.3V 256K x 16 Intelliwatt low-power CMOS SRAM with one chip enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6VA25616-TC Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS6VA25616-TC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6VA25616-TC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6VA25616-TC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6VA25616-TC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6VA25616-TC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6VA25616-TC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6VA25616-TC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6VA25616-TC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6VA25616-TC Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
®
AS6VA25616
10/6/00
ALLIANCE SEMICONDUCTOR
5
Write cycle (over the operating range)11
Shaded areas indicate preliminary information.
Write waveform 1 (WE controlled)10,11
Write waveform 2 (CS controlled)10,11
Parameter
Symbol
Min
Max
Unit
Notes
Write cycle time
tWC
55
–
ns
Chip select to write end
tCW
40
–
ns
12
Address setup to write end
tAW
40
–
ns
Address setup time
tAS
0
–
ns
12
Write pulse width
tWP
35
–
ns
Address hold from end of write
tAH
0–
ns
Data valid to write end
tDW
25
–
ns
Data hold time
tDH
0–
ns
4, 5
Write enable to output in high Z
tWZ
020
ns
4, 5
Output active from write end
tOW
5–
ns
4, 5
UB/LB low to end of write
tBW
35
–
ns
Address
CS
LB, UB
WE
DIN
DOUT
tWC
tCW
tBW
tAW
tAS
tWP
tDW
tDH
tOW
tWZ
tAH
Data undefined
High Z
Data valid
Address
CS
LB, UB
WE
DIN
tWC
tCW
tBW
tWP
tDW
tDH
tOW
tWZ
tAH
DOUT
Data undefined
High Z
High Z
tAS
tAW
Data valid
tCLZ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com