Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6VA25616-TC Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS6VA25616-TC
Description  2.7V to 3.3V 256K x 16 Intelliwatt low-power CMOS SRAM with one chip enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6VA25616-TC Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

  AS6VA25616-TC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6VA25616-TC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6VA25616-TC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6VA25616-TC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6VA25616-TC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6VA25616-TC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6VA25616-TC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6VA25616-TC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6VA25616-TC Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
®
6
ALLIANCE SEMICONDUCTOR
10/6/00
AS6VA25616
Data retention characteristics (over the operating range)13,5
Data retention waveform
AC test loads and waveforms
Notes
1During VCC power-up, a pull-up resistor to VCC on CS is required to meet ISB specification.
2
This parameter is sampled, but not 100% tested.
3
For test conditions, see AC Test Conditions.
4tCLZ and tCHZ are specified with CL = 5pF as in Figure C. Transition is measured ±500 mV from steady-state voltage.
5
This parameter is guaranteed, but not tested.
6WE is HIGH for read cycle.
7CS and OE are LOW for read cycle.
8
Address valid prior to or coincident with CS transition LOW.
9
All read cycle timings are referenced from the last valid address to the first transitioning address.
10 CS or WE must be HIGH during address transitions. Either CS or WE asserting high terminates a write cycle.
11 All write cycle timings are referenced from the last valid address to the first transitioning address.
12 N/A.
13 1.2V data retention applies to commercial and industrial temperature range operations.
14 C = 30pF, except at high Z and low Z parameters, where C = 5pF.
Parameter
Symbol
Test conditions
Min
Max
Unit
VCC for data retention
VDR
VCC = 1.2V
CS
≥ V
CC – 0.1V or
UB = LB = > VCC – 0.1V
VIN ≥ VCC – 0.1V or
VIN ≤ 0.1V
1.2V
3.3
V
Data retention current
ICCDR
–4
mA
Chip deselect to data retention time
tCDR
0–
ns
Operation recovery time
tR
tRC
–
ns
Parameters
VCC = 3.0V
VCC = 2.5V
VCC = 2.0V
Unit
R1
1105
16670
15294
Ohms
R2
1550
15380
11300
Ohms
RTH
645
8000
6500
Ohms
VTH
1.75V
1.2V
0.85V
Volts
VCC
CS
tR
tCDR
Data retention mode
VCC
VCC
VDR ≥ 1.2V
VIH
VIH
VDR
VCC
R1
R2
OUTPUT
30 pF
INCLUDING
JIG AND
SCOPE
(a)
VCC
R1
R2
OUTPUT
5 pF
ALL INPUT PULSES
(b)
10%
90%
10%
90%
GND
VCC Typ
< 5 ns
(c)
Thevenin equivalent:
OUTPUT
RTH
V
INCLUDING
JIG AND
SCOPE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com