Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5654/KG/MPAD Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # SP5654/KG/MPAD
Description  2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP5654/KG/MPAD Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button SP5654/KG/MPAD Datasheet HTML 5Page - Zarlink Semiconductor Inc SP5654/KG/MPAD Datasheet HTML 6Page - Zarlink Semiconductor Inc SP5654/KG/MPAD Datasheet HTML 7Page - Zarlink Semiconductor Inc SP5654/KG/MPAD Datasheet HTML 8Page - Zarlink Semiconductor Inc SP5654/KG/MPAD Datasheet HTML 9Page - Zarlink Semiconductor Inc SP5654/KG/MPAD Datasheet HTML 10Page - Zarlink Semiconductor Inc SP5654/KG/MPAD Datasheet HTML 11Page - Zarlink Semiconductor Inc SP5654/KG/MPAD Datasheet HTML 12Page - Zarlink Semiconductor Inc SP5654/KG/MPAD Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
SP5654
7
S
P
5
+30V
+5V
22k
10k
47k
10n
OSCILLATOR
OUTPUT
VARICAP
INPUT
+12V
TUNER
TUNER
SWITCHING
2N3904
22k
47n
180n
4MHz
CRYSTAL
18p
CONTROL
MICRO
1n
1n
P3
P2
P1
Fig. 5 T
ypical application (step size = 100kHz)
SATELLITE
116
116
P0
2
3
4
5
6
7
89
10
11
12
13
14
15
6
5
4
Fig. 6 T
ypical input sensitivity
FUNCTIONS
300
100
50
25
120
1000
2000
2700
3000
VIN (mV RMS
INTO 50
W)
FREQUENCY (MHz)
3500
40
12.5
300
OPERATING
WINDOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com