Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5654/KG/MPAD Datasheet(PDF) 14 Page - Zarlink Semiconductor Inc

Part # SP5654/KG/MPAD
Description  2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP5654/KG/MPAD Datasheet(HTML) 14 Page - Zarlink Semiconductor Inc

Back Button SP5654/KG/MPAD Datasheet HTML 7Page - Zarlink Semiconductor Inc SP5654/KG/MPAD Datasheet HTML 8Page - Zarlink Semiconductor Inc SP5654/KG/MPAD Datasheet HTML 9Page - Zarlink Semiconductor Inc SP5654/KG/MPAD Datasheet HTML 10Page - Zarlink Semiconductor Inc SP5654/KG/MPAD Datasheet HTML 11Page - Zarlink Semiconductor Inc SP5654/KG/MPAD Datasheet HTML 12Page - Zarlink Semiconductor Inc SP5654/KG/MPAD Datasheet HTML 13Page - Zarlink Semiconductor Inc SP5654/KG/MPAD Datasheet HTML 14Page - Zarlink Semiconductor Inc SP5654/KG/MPAD Datasheet HTML 15Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
SP5654
12
PACKAGE DETAILS
Dimensions are shown thus: mm (in). For further package information please contact your local Customer Service Centre.
9.80/.01
(0.386/0.394)
16
SPOT REF
CHAMFER
REF
PIN 1
0.35/0.49
(0.014/0.0019)
0.69 (0.027)
MAX
MINIATURE PLASTIC DIL – MP16
16 LEADS AT
1.27 (0.050)
NOM SPACING
0.10/0.25
(0.004/0.010)
1.35/1.91
(0.053/0.075)
3.80/4.00
(0.150/0.157)
5.80/6.20
(0.228/0.244)
0.25/0.51
345
(0.010/0.020)
O
0.18/0.25
(0.007/0.010)
0–8O
0.41/1.27
(0.016/0.050)
NOTES
1. Controlling dimensions are inches.
2. This package outline diagram is for guidance
only. Please contact your GPS Customer
Service Center for further information.
HEADQUARTERS OPERATIONS
GEC PLESSEY SEMICONDUCTORS
Cheney Manor, Swindon,
Wiltshire United Kingdom SN2 2QW.
Tel: (01793) 518000
Fax: (01793) 518411
GEC PLESSEY SEMICONDUCTORS
P.O. Box 660017 1500 Green Hills Road,
Scotts Valley, California 95067–0017,
United States of America. Tel: (408) 438 2900
Fax: (408) 438 5576
This publication is issued to provide information only, which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose nor form part of any
order or contract nor to be regarded as a representation relating to the products or services concerned. No warranty or guarantee express or implied is made regarding the capability,
performance or suitability of any product or service. The Company reserves the right to alter without proir knowledge the specification, design, or price of any product or service.
Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of
equipment. It is the user’s responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up
to date and has not been superseded. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All
products and materials are sold and services provided subject to the Company’s conditions of sale, which are available on request.
E GEC Plessey Semiconductors 1995 Publication No. D.S. 3931 Issue No. 1.5 February 1995
CUSTOMER SERVICE CENTRES
F FRANCE & BENELUX Les Ulis Cedex Tel: (1) 64 46 23 45
Fax: (1) 64 46 06 07
F GERMANY Munich Tel: (089) 3609 06 0 Fax: (089) 3609 06 55
F ITALY Milan Tel: (02) 66040867 Fax: (02) 66040993
F JAPAN Tokyo Tel: (03) 5276–5501 Fax: (03) 5276–5510
F NORTH AMERICA Scotts Valley, USA
Tel: (408) 438 2900 Fax: (408) 438 7023
F SOUTH EAST ASIA Singapore Tel: (65) 3827708 Fax: (65) 3828872
F SWEDEN Stockholm Tel: 46 8 7029770 Fax: 46 8 6404736
F TAIWAN, ROC Taipei Tel: 886 2 5461260 Fax: 886 2 7190260
F UK, EIRE, DENMARK, FINLAND & NORWAY
Swindon Tel: (01793) 518510 Fax: (01793) 518582
These are supported by Agents and Distributors in major countries world–wide.
TECHNICAL DOCUMENTATION – NOT FOR RESALE. PRINTED IN UNITED KINGDOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com