Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5654/KG/MPAD Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # SP5654/KG/MPAD
Description  2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP5654/KG/MPAD Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button SP5654/KG/MPAD Datasheet HTML 6Page - Zarlink Semiconductor Inc SP5654/KG/MPAD Datasheet HTML 7Page - Zarlink Semiconductor Inc SP5654/KG/MPAD Datasheet HTML 8Page - Zarlink Semiconductor Inc SP5654/KG/MPAD Datasheet HTML 9Page - Zarlink Semiconductor Inc SP5654/KG/MPAD Datasheet HTML 10Page - Zarlink Semiconductor Inc SP5654/KG/MPAD Datasheet HTML 11Page - Zarlink Semiconductor Inc SP5654/KG/MPAD Datasheet HTML 12Page - Zarlink Semiconductor Inc SP5654/KG/MPAD Datasheet HTML 13Page - Zarlink Semiconductor Inc SP5654/KG/MPAD Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SP5654
8
vREF
400
RF INPUTS
vCC
DRIVE
OUTPUT
CHARGE
PUMP
170
Mode select input
Data, Clock, Enable inputs
400
VADIS
(o/p disable)
CRYSTAL
Reference oscillator
CC
V
Output ports P0–P3 and lock output
OUTPUT
I/P
CC
V
67k
3k
CC
V
Fig. 7. Input/Output interface circuits
RF inputs
Loop amplifier
v
CC
20k
I/P
3k
20k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com