Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS026R Datasheet(PDF) 3 Page - Balluff Korea Ltd.

Part # BOS026R
Description  Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS026R Datasheet(HTML) 3 Page - Balluff Korea Ltd.

  BOS026R Datasheet HTML 1Page - Balluff Korea Ltd. BOS026R Datasheet HTML 2Page - Balluff Korea Ltd. BOS026R Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Photoelectric Sensors
BOS 21M-UUI-RP30-S4
Order Code: BOS026R
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-90
Subject to change without notice: 274860
ETIM 6.0: EC001822
BOS026R_0.22_2021-04-29
3 / 3
Principle of operation diffuse sensor
Hysteresis H max. (% of Sr)
10.0 %
Range
1...600 mm
Real switching distance sr
600 mm
Repeat accuracy max. (% of Sr)
2.0 %
Principle of operation diffuse sensor BGS
Distance deviation 18 % max. (% of
Sr)
10 %
Hysteresis H typ. (% of Sr)
5.0 %
Range
8...200 mm
Real switching distance sr
200 mm
Repeat accuracy max. (% of Sr)
1.0 %
Principle of operation retroreflective sensor
Range
0...7 m
Principle of operation through-beam sensor
Range
0...10 m
Range/Distance
Range
Adjustable
Remarks
The sensor is functional again after the overload has been eliminated.
Order accessories separately.
For additional information, refer to user's guide.
Reference object (target) for diffuse sensor: gray card, 200 x 200, 90 % remission, axial approach.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com