Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS026R Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS026R
Description  Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS026R Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS026R Datasheet HTML 1Page - Balluff Korea Ltd. BOS026R Datasheet HTML 2Page - Balluff Korea Ltd. BOS026R Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photoelectric Sensors
BOS 21M-UUI-RP30-S4
Order Code: BOS026R
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-90
Subject to change without notice: 274860
ETIM 6.0: EC001822
BOS026R_0.22_2021-04-29
2 / 3
Electrical connection
Connection
Connector, M12x1-Male, 4-pin
Contact, surface protection
Gold plated
Polarity reversal protected
yes
Protection against device mix-ups
yes
Short-circuit protection
yes
Electrical data
Frequency range of frequency
monitor
10…10000 Imp/Min
Input frequency of count function
max.
1000 Hz (SIO mode)
400 Hz (IO-Link mode)
Input function
Reset counter
Load capacitance max. at Ue
0.07 µF
No-load current Io max. at Ue
30 mA
Operating voltage Ub
10...30 VDC
Protection class
II
Rated insulation voltage Ui
75 V DC
Rated operating current Ie
100 mA
Rated operating voltage Ue DC
24 V
Ready delay tv max.
40 ms
Residual current Ir max.
10 µA
Ripple max. (% of Ue)
10 %
Start-up delay for counter
0…255 s
Switching frequency
1000 Hz
Turn-off delay toff max.
0.5 ms
Turn-on delay ton max.
0.5 ms
Utilization category
DC -13
Voltage drop Ud max. at Ie
2.5 V
Environmental conditions
Ambient temperature
-5...55 °C
Contamination scale
3
EN 60068-2-27, Shock
Half-sinus, 30 g , 11 ms, 3x6
EN 60068-2-6, Vibration
10…55 Hz, amplitude 1 mm,
3x30 min
IP rating
IP67
Functional safety
MTTF (40 °C)
343 a
Material
Housing material
Zinc, Die casting, Painted
Aluminum, Glass, PC
Housing material, surface protection Painted
Material sensing surface
Glass, anti-glare
Surface protection
Powder coated
Mechanical data
Dimension
15 x 51 x 42.5 mm
Mounting part
Screw M4
Optical features
Ambient light max.
10000 Lux
Beam characteristic
Divergent
LED group per IEC 62471
Exempt Group
Light spot size
Ø 50 mm at 1 m
Light type
LED, red light
Polarizing filter
no
Principle of optical operation
Diffuse sensor energetic
diffuse sensor with background
suppression
retroreflective sensor
through-beam sensor (emitter)
through-beam sensor (receiver),
depends on setting
Special optical feature
Multifunction
Switching function, optical
Light/dark switching
Wave length
633 nm
Output/Interface
Baud rate
38.4 kBaud
Duration of time function
0…65535 ms
Function class, smart sensor
Identification
Teach channel
Switching signal channel
Variable process data
Diagnostics
Interface
IO-Link 1.1
Interface setting option
Operating mode
Teach-In of switchpoints
Principle of optical operation
Switching output
Switching function
Hysteresis
Time function
Count function
Frequency converter
Data retention active/inactive
Emitter on/off
Adjuster active/inactive
Factory setting (Reset)
for more information refer to
user's guide
Process data IN
1 byte
Process data OUT
3 bytes
Process data cycle min.
4 ms
Profile
Smart Sensor
Switching output
2x PNP/NPN/push-pull NO/NC
Pin 4 programmable NO/NC, Pin
2 automatically complementary
Time function
Single pulse
Turn-on delay
switch-off delay
On/off delay
n



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com