Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS026R Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BOS026R
Description  Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS026R Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BOS026R Datasheet HTML 1Page - Balluff Korea Ltd. BOS026R Datasheet HTML 2Page - Balluff Korea Ltd. BOS026R Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Photoelectric Sensors
BOS 21M-UUI-RP30-S4
Order Code: BOS026R
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-90
Subject to change without notice: 274860
ETIM 6.0: EC001822
BOS026R_0.22_2021-04-29
1 / 3
1) Display and control panel, 2) rotatable 270°, 3) Optical axis emitter, 4) Optical axis receiver
Basic features
Additional features
Count function
Operating hours counter
Speed monitoring
Approval/Conformity
CE
EAC
cULus
WEEE
Basic standard
IEC 60947-5-2
Operating mode
SIO Mode
IO-Link Mode
Principle of operation
Photoelectric sensor
Reference emitter
Same sensor, through-beam
(emitter)
Reference reflector
BOS R-1
Scope of delivery
User manual
Series
21M
Style
Square
Connection can be rotated
Display/Operation
Adjuster
Potentiometer digital
Display
Run - LED green
Communication - Green LED,
flashing
LED yellow: Light received
Limit range - LED yellow, flashing
Error - LED green+yellow,
flashing
Emitter LED power drop - LED
red, flashing
Optical function principle - LED
multi-color
Setting
Sensitivity (Sn)


Similar Part No. - BOS026R

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BOS0265 BALLUFF-BOS0265 Datasheet
123Kb / 3P
Photoelectric Sensors
BOS0267 BALLUFF-BOS0267 Datasheet
103Kb / 2P
Photoelectric Sensors
2024-09-02
More results

Similar Description - BOS026R

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3N1332 SICK-WLG4S-3N1332 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3P3132 SICK-WLG4S-3P3132 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A71 SICK-WLG4SC-3P2232A71 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A91 SICK-WLG4SC-3P2232A91 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P3232B01 SICK-WLG4SC-3P3232B01 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WL9G-3N1132P06 SICK-WL9G-3N1132P06 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL9G-3N1234S02 SICK-WL9G-3N1234S02 Datasheet
3Mb / 7P
PHOTOELECTRIC SENSORS
WL9G-3P2232 SICK-WL9G-3P2232 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL12G-3O2431S47 SICK-WL12G-3O2431S47 Datasheet
4Mb / 9P
PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com