Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSP Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # CSP
Description  Final Control Elements
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CSP Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  CSP Datasheet HTML 1Page - M-System Co.,Ltd. CSP Datasheet HTML 2Page - M-System Co.,Ltd. CSP Datasheet HTML 3Page - M-System Co.,Ltd. CSP Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: CSP
CSP SPECIFICATIONS
ES-4826 Rev.4 Page 3/4
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm (inch)
150 (5.91)
81 (3.19)
10 (.39)
2x2–M8x16
2–G1 WIRING CONDUIT
Handle knob position at use
130 (5.12)
Space required to
remove cover
ø216 (8.50)
40
(1.57)
79 (3.11)
YOKE SURFACE
M22, 1.5 pitch
[
] for CSP-4
65
(2.56)
65
(2.56)
ø70 –0.076 (2.753)
–0.030 (2.755)
4–ø11
ø102
(4.02)
ø125
(2.92)
Yoke Mounting Requirements



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com