Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSP Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # CSP
Description  Final Control Elements
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CSP Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  CSP Datasheet HTML 1Page - M-System Co.,Ltd. CSP Datasheet HTML 2Page - M-System Co.,Ltd. CSP Datasheet HTML 3Page - M-System Co.,Ltd. CSP Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: CSP
CSP SPECIFICATIONS
ES-4826 Rev.4 Page 1/4
http://www.m-system.co.jp/
Final Control Elements
SERVO-TOP VALVE ACTUATOR TYPE C
(linear type)
Functions & Features
•Actuator for a control valve
•Lightweight, compact design
•Simple field adjustments
•Torque limiters
•Electronic limiters for the full-open and -closed positions
are easy to adjust.
•ISO standard flange
MODEL: CSP–[1]71-[2][3]
ORDERING INFORMATION
• Code number: CSP-[1]71-[2][3]
Specify a code from below for each [1] through [3].
(e.g. CSP-471-AK4)
[1] MAXIMUM STROKE
4: 40 mm (1.57")
7: 75 mm (2.95")
OPERATION TIME, MAXIMUM THRUST
7: 34 seconds / 20 mm, 12000 N
OUTPUT STEM TYPE
1: M22 male screw, pitch 1.5
[2] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
Voltage
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
[3] POWER INPUT
AC Power
K4: 100 V AC, 50/60 Hz or 110 V AC, 60 Hz
L4: 200 V AC, 50/60 Hz or 220 V AC, 60 Hz
GENERAL SPECIFICATIONS
Environmental protection: IP 56
Action: Direct or reverse; field selectable with DIP switches
(factory set to “reverse”)
(In “reverse” action with upright mount, the output stem
goes up with an input signal increase.)
Operation at abnormally low input: Extend, Retract or Stop;
field selectable with DIP switches; default set to Stop.
Detectable input drop level: 0.37 ±0.1 V DC; converted into
voltage
Wiring conduits: G 1 female thread (two)
Material
Body: Aluminum alloy
Cover: Steel
Terminal screws: Nickel-plated steel (torque 0.8 N·m)
Paint color: Munsell N6 (handle: red)
Drive: AC motor (15-minute rating)
Startup current: 3.2A (power input code K4)
1.6A (power input code L4)
Insulation class: B
(thermal protector incorporated; 120 ±5°C)
Power control element: Semiconductor switch
Position detection: Potentiometer
Deadband adjustment: 0.2 – 3.0 % (default set to approx.
1.5 %)
Restart limiting timer adjustment: 0 – 30 sec. (default set to
approx. 4 sec.)
Isolation: Signals to power to sequential signals to metallic
housing
Zero adjustment: 0 – 25 %
Span adjustment: 50 - 100 %
Torque limiting mechanism: Incorporated
Space heater: Incorporated
Manual operation: Available
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated
OUTPUT SPECIFICATIONS
■ Speed & Thrust (at rated power input voltage)
Operation time (thrust 10000 N): 34 sec./20 mm (50 Hz), 29
sec./20 mm (60 Hz)
Maximum thrust: 12000 N
■ Position Signal: 4 – 20 mA DC
Load resistance: 300 Ω maximum
(The output signal increases when the stem retracts.)


Similar Part No. - CSP

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CSP RALTRON-CSP Datasheet
55Kb / 3P
CLOCK OSCILLATOR, PECL, 3.3 VDC or 2.5VDC
logo
Molex Electronics Ltd.
CSP-00021-01 MOLEX-CSP-00021-01 Datasheet
260Kb / 1P
PowerCat 6™ - UTP The Cat 6 Solution
CSP-00021-02 MOLEX-CSP-00021-02 Datasheet
260Kb / 1P
PowerCat 6™ - UTP The Cat 6 Solution
CSP-00021-04 MOLEX-CSP-00021-04 Datasheet
260Kb / 1P
PowerCat 6™ - UTP The Cat 6 Solution
CSP-00021-05 MOLEX-CSP-00021-05 Datasheet
260Kb / 1P
PowerCat 6™ - UTP The Cat 6 Solution
More results

Similar Description - CSP

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MEX-P MSYSTEM-MEX-P Datasheet
121Kb / 3P
Final Control Elements
MEXL MSYSTEM-MEXL Datasheet
133Kb / 4P
Final Control Elements
MEX-F MSYSTEM-MEX-F Datasheet
153Kb / 5P
Final Control Elements
MEX-E MSYSTEM-MEX-E Datasheet
110Kb / 3P
Final Control Elements
MEX-C MSYSTEM-MEX-C Datasheet
111Kb / 3P
Final Control Elements
MEX-B MSYSTEM-MEX-B Datasheet
111Kb / 3P
Final Control Elements
MEXE MSYSTEM-MEXE Datasheet
110Kb / 3P
Final Control Elements
MEXD MSYSTEM-MEXD Datasheet
112Kb / 3P
Final Control Elements
MRP5D MSYSTEM-MRP5D Datasheet
160Kb / 5P
Final Control Elements
MRP4C MSYSTEM-MRP4C Datasheet
138Kb / 4P
Final Control Elements
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com