Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSP Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # CSP
Description  Final Control Elements
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CSP Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  CSP Datasheet HTML 1Page - M-System Co.,Ltd. CSP Datasheet HTML 2Page - M-System Co.,Ltd. CSP Datasheet HTML 3Page - M-System Co.,Ltd. CSP Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: CSP
CSP SPECIFICATIONS
ES-4826 Rev.4 Page 2/4
http://www.m-system.co.jp/
■ Sequential Control Signal: "Full-open", "full-closed" and
"Alarm"
NPN open collector: 30 V DC @ 100 mA max.
Saturation voltage: 1 V DC
INSTALLATION
Supply voltage
Operational voltage range:
Code K4: 100V AC ±10% at 50 Hz, 90 – 121V AC at 60 Hz
Code L4: 200V AC ±10% at 50 Hz, 180 – 242V AC at 60 Hz
Power consumtpion:
Code K4: 200 VA at rated current
Code L4: 240 VA at rated current
Operating temperature: -10 to +60°C (14 to 140°F)
Operating humidity: 30 to 85 %RH (non-condensing)
Vibration: ≤ 19.6 m/s2 (2G) at 50 Hz
Mounting position: Standing to horizontal
Weight: 15 kg (33.1 lb)
PERFORMANCE
Hysteresis: 1 mm or less
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(signal to power to sequential signals)
2000 V AC @ 1 minute
(sequential signals to metallic housing)
1500 V AC @ 1 minute
(power to metallic housing)
1000 V AC @ 1 minute
(signal to metallic housing)
TERMINOLOGY
•Torque Limiting Mechanism
Torque switches are equipped to protect the motor from
overload caused by foreign objects stuck in the valve.
The switches can be activated within 2 to 98 % range to
stop the motor and to output an alarm signal, with the RUN
LED flashes in 0.5 sec. intervals.
•Restart Limiting Timer
A timer is incorporated to protect the motor and other
incorporated components from overheating. The timer
prevents the motor from restarting for a certain interval (0
to 30 sec. selectable) once the motor has been stopped
within deadband.
• Electronic Limiter
This model is equipped with electronic limiters in order to
prevent mechanical locks when the input goes below 0 % or
above 100 %.
Limiters are set at approx. -1.5 % for the full-closed side,
approx. 101.5 % for the full-open side.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com