Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1V-12MIT Datasheet(PDF) 72 Page - STMicroelectronics

Part # PSD813F1V-12MIT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1V-12MIT Datasheet(HTML) 72 Page - STMicroelectronics

Back Button PSD813F1V-12MIT Datasheet HTML 68Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 69Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 70Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 71Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 72Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 73Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 74Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 75Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 110 page
background image
PSD813F1V
72/110
JTAG Extensions
TSTAT and TERR are two JTAG extension signals
enabled by an “ISC_ENABLE” command received
over the four standard JTAG pins (TMS, TCK, TDI,
and TDO). They are used to speed programming
and erase functions by indicating status on PSD
pins instead of having to scan the status out seri-
ally using the standard JTAG channel.
TERR will indicate if an error has occurred when
erasing a sector or programming a byte in Flash
memory. This signal will go Low (active) when an
error condition occurs, and stay Low until an
“ISC_CLEAR” command is executed or a chip re-
set pulse is received after an “ISC-DISABLE” com-
mand. TERR does not apply to EEPROM.
TSTAT behaves the same as the Ready/Busy sig-
nal described in the section entitled Ready/Busy
Pin (PC3), page 18. TSTAT will be High when the
PSD device is in READ mode (Flash memory and
EEPROM contents can be read). TSTAT will be
Low when Flash memory programming or erase
cycles are in progress, and also when data is be-
ing written to EEPROM.
TSTAT and TERR can be configured as open-
drain type signals during an “ISC_ENABLE” com-
mand. This facilitates a wired-OR connection of
TSTAT signals from several PSD devices and a
wired-OR connection of TERR signals from those
same devices. This is useful when several PSD
devices are “chained” together in a JTAG environ-
ment.
Security, Flash memory and EEPROM
Protection
When the security bit is set, the device cannot be
read on a device programmer or through the JTAG
Port. When using the JTAG Port, only a full chip
erase command is allowed. All other program/
erase/verify commands are blocked. Full chip
erase returns the part to a non-secured blank
state. The Security Bit can be set in PSDsoft Ex-
press Configuration.
All Flash Memory and EEPROM sectors can indi-
vidually be sector protected against erasures. The
sector protect bits can be set in PSDsoft Express
Configuration.
Table 34. JTAG Port Signals
INITIAL DELIVERY STATE
When delivered from ST, the PSD device has all
bits in the memory and PLDs set to '1.' The PSD
Configuration Register bits are set to '0.' The code,
configuration, and PLD logic are loaded using the
programming procedure. Information for program-
ming the device is available directly from ST.
Please contact your local sales representative.
Table 35. JTAG Enable Register
Note: The state of Reset (RESET) does not interrupt (or prevent) JTAG operations if the JTAG signals are dedicated by an NVM Configura-
tion bit (via PSDsoft Express). However, Reset (RESET) prevents or interrupts JTAG operations if the JTAG enable register is used
to enable the JTAG signals.
Port C Pin
JTAG Signals
Description
PC0
TMS
Mode Select
PC1
TCK
Clock
PC3
TSTAT
Status
PC4
TERR
Error Flag
PC5
TDI
Serial Data In
PC6
TDO
Serial Data Out
Bit 0
JTAG_Enable
0 = off JTAG port is disabled.
1 = on JTAG port is enabled.
Bit 1
X
0
Not used, and should be set to zero.
Bit 2
X
0
Not used, and should be set to zero.
Bit 3
X
0
Not used, and should be set to zero.
Bit 4
X
0
Not used, and should be set to zero.
Bit 5
X
0
Not used, and should be set to zero.
Bit 6
X
0
Not used, and should be set to zero.
Bit 7
X
0
Not used, and should be set to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com