Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1V-12MIT Datasheet(PDF) 18 Page - STMicroelectronics

Part # PSD813F1V-12MIT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1V-12MIT Datasheet(HTML) 18 Page - STMicroelectronics

Back Button PSD813F1V-12MIT Datasheet HTML 14Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 15Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 16Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 17Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 18Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 19Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 20Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 21Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 110 page
background image
PSD813F1V
18/110
DETAILED OPERATION
As shown in Figure 5., page 13, the PSD consists
of six major types of functional blocks:
■
Memory Blocks
■
PLD Blocks
■
MCU Bus Interface
■
I/O Ports
■
Power Management Unit (PMU)
■
JTAG Interface
The functions of each block are described in the
following sections. Many of the blocks perform
multiple functions, and are user configurable.
MEMORY BLOCKS
The PSD has the following memory blocks (see
Table 7):
–
The Main Flash memory
–
Secondary EEPROM memory
–SRAM
The Memory Select signals for these blocks origi-
nate from the Decode PLD (DPLD) and are user-
defined in PSDsoft Express.
Primary Flash Memory and Secondary
EEPROM Description
The 1Mb primary Flash memory is divided evenly
into eight 16-KByte sectors. The EEPROM memo-
ry is divided into four sectors of eight KBytes each.
Each sector of either memory can be separately
protected from Program and Erase operations.
Flash memory may be erased on a sector-by-sec-
tor basis and programmed byte-by-byte. Flash
sector erasure may be suspended while data is
read from other sectors of memory and then re-
sumed after reading.
EEPROM may be programmed byte-by-byte or
sector-by-sector, and erasing is automatic and
transparent. The integrity of the data can be se-
cured with the help of Software Data Protection
(SDP). Any write operation to the EEPROM is in-
hibited during the first five milliseconds following
power-up.
During a program or erase of Flash, or during a
write of the EEPROM, the status can be output on
the Ready/Busy (PC3) pin of Port C3. This pin is
set up using PSDsoft Express Configuration.
Memory Block Select Signals. The
decode
PLD in the PSD generates the chip selects for all
the internal memory blocks (refer to the section
entitled PLD’S, page 34). Each of the eight Flash
memory sectors have a Flash Select signal (FS0-
FS7) which can contain up to three product terms.
Each of the four EEPROM memory sectors have a
Select signal (EES0-3 or CSBOOT0-3) which can
contain up to three product terms. Having three
product terms for each sector select signal allows
a given sector to be mapped in different areas of
system memory. When using a microcontroller
with separate Program and Data space, these
flexible select signals allow dynamic re-mapping of
sectors from one space to the other.
Ready/Busy Pin (PC3). Pin PC3 can be used to
output the Ready/Busy status of the PSD. The out-
put on the pin will be a ‘0’ (Busy) when Flash or
EEPROM memory blocks are being written to, or
when the Flash memory block is being erased.
The output will be a ‘1’ (Ready) when no write or
erase operation is in progress.
Table 7. Memory Blocks
Device
Main Flash
EEPROM
SRAM
PSD813F1
128KB
32KB
2KB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com