Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1V-12MIT Datasheet(PDF) 95 Page - STMicroelectronics

Part # PSD813F1V-12MIT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1V-12MIT Datasheet(HTML) 95 Page - STMicroelectronics

Back Button PSD813F1V-12MIT Datasheet HTML 91Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 92Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 93Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 94Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 95Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 96Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 97Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 98Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 110 page
background image
95/110
PSD813F1V
Figure 49. Peripheral I/O Read Timing
Table 63. Port A Peripheral Data Mode READ Timing (5V devices)
Table 64. Port A Peripheral Data Mode READ Timing (3V devices)
Symbol
Parameter
Conditions
-90
-12
-15
Turbo
Off
Unit
MinMax
MinMax
MinMax
tAVQV–PA
Address Valid to Data Valid
(Note 3)
40
45
45
+ 10
ns
tSLQV–PA
CSI Valid to Data Valid
35
40
45
+ 10
ns
tRLQV–PA
RD to Data Valid
(Notes 1,4)
32
35
40
ns
RD to Data Valid 8031 Mode
38
42
45
ns
tDVQV–PA
Data In to Data Out Valid
30
35
38
ns
tQXRH–PA
RD Data Hold Time
0
0
0
ns
tRLRH–PA
RD Pulse Width
(Note 1)
32
35
38
ns
tRHQZ–PA
RD to Data High-Z
(Note 1)
25
28
30
ns
Symbol
Parameter
Conditions
-15
-20
Turbo
Off
Unit
Min
Max
Min
Max
tAVQV–PA
Address Valid to Data Valid
(Note 3)
55
60
+ 20
ns
tSLQV–PA
CSI Valid to Data Valid
45
50
+ 20
ns
tRLQV–PA
RD to Data Valid
(Notes 1,4)
40
45
ns
RD to Data Valid 8031 Mode
45
50
ns
tDVQV–PA
Data In to Data Out Valid
60
65
ns
tQXRH–PA
RD Data Hold Time
0
0
ns
tRLRH–PA
RD Pulse Width
(Note 1)
36
46
ns
tRHQZ–PA
RD to Data High-Z
(Note 1)
40
45
ns
tQXRH (PA)
tRLQV (PA)
tRLRH (PA)
tDVQV (PA)
tRHQZ (PA)
tSLQV (PA)
tAVQV (PA)
ADDRESS
DATA VALID
ALE /AS
A /D BUS
RD
DATA ON PORT A
CSI
AI02897



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com