Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLS Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # DLS
Description  TELEMETERING UNIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DLS Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  DLS Datasheet HTML 1Page - M-System Co.,Ltd. DLS Datasheet HTML 2Page - M-System Co.,Ltd. DLS Datasheet HTML 3Page - M-System Co.,Ltd. DLS Datasheet HTML 4Page - M-System Co.,Ltd. DLS Datasheet HTML 5Page - M-System Co.,Ltd. DLS Datasheet HTML 6Page - M-System Co.,Ltd. DLS Datasheet HTML 7Page - M-System Co.,Ltd. DLS Datasheet HTML 8Page - M-System Co.,Ltd. DLS Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MODEL: DLS
http://www.m-system.co.jp/
DLS SPECIFICATIONS
ES-6515 Rev.18 Page 3/10
DESCRIPTIONS
■ RUN Contact (LED) Behaviors
The LED operates when both the communication line conditions and DLS units conditions are true.
Comm. line conditions
Input units (00, A1, A2, G1 and P1): The LED turns ON with the network configured; OFF in an abnormality; the network is
reconfigured after an abnormality.
Output units (C1, C2, C3, C4, M1 and U1): The LED turns ON when data from the paired input unit is received normally, with
the network configured; OFF when the data is lost; turns also OFF in an abnormality in the network.
I/O-mixed units (E1, E2, R1 and S1): Functions of both input and output units are used.
DLS units conditions: The LED turns ON when the transmission is normal between the DLS units; OFF after three retries in a
transmission abnormality.
[CAUTION]
When the network is reconfigured e.g. by noise interference, the RUN LED and output for all units on the network turn briefly
OFF until they are turned ON after the reconfiguration is complete.
■ How to Caculate Transmission Speed
1. Data Volume and Transmission Time of I/O Unit
I/O type of DLS (or DLA1) units determines each unit's multi-transmission time. The DLS collects data from each station and
transmits to the other station.
(Input Model Suffix: Data Volume)
A1, E1: 30 bytes
A2: 60 bytes
G1, P1: 212 bytes
R1: 116 bytes
S1: 68 bytes
C1, C2, C3, C4, M1, U1: 0 bytes
Transmission time for 1 unit is calculated utilizing each unit's data volume.
Transmission time = (data volume) × (number of data bits per 1 byte ÷ transmission speed [bps]) + waiting time per unit (0.5
sec.)
[example] Transmission time of type A1, S1 and C1 units
•A1 unit (1200 bps)
30 × 12 ÷ 1200 + 0.5 = 0.8 (sec.)
•S1 unit (1200 bps)
68 × 12 ÷ 1200 + 0.5 = 1.18 (sec.)
•C1 unit 0 sec.
Transmission time for those units with 0 data
volume equals 0.
2. Start / End of Transmission
The DLS transmits codes to the paired station at the start and end of transmission sequence respectively. The data volume
differs according to modem type.
(Modem Type: MOD4/5; Others)
Start-of-transmission time: 7 bytes; 2 bytes
End-of transmission time: 6 bytes; 2 bytes
Start-of-Transmission time = (data volume) × (number of data bits per 1 byte ÷ transmission speed [bps]) + waiting time per
unit (0.1 sec.)
Remark: Waiting time for MOD4 and MOD5 is 0.3 sec.
[example] Modem type /M5A (1200 bps)
2 × 12 ÷ 1200 + 0.1 = 0.12 (sec.)
End-of-Transmission time = (data volume) × (number of data bits per 1 byte ÷ transmission speed [bps]) + waiting time per



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com