Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLS Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # DLS
Description  TELEMETERING UNIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DLS Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  DLS Datasheet HTML 1Page - M-System Co.,Ltd. DLS Datasheet HTML 2Page - M-System Co.,Ltd. DLS Datasheet HTML 3Page - M-System Co.,Ltd. DLS Datasheet HTML 4Page - M-System Co.,Ltd. DLS Datasheet HTML 5Page - M-System Co.,Ltd. DLS Datasheet HTML 6Page - M-System Co.,Ltd. DLS Datasheet HTML 7Page - M-System Co.,Ltd. DLS Datasheet HTML 8Page - M-System Co.,Ltd. DLS Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MODEL: DLS
http://www.m-system.co.jp/
DLS SPECIFICATIONS
ES-6515 Rev.18 Page 1/10
Telemetering System
TELEMETERING UNIT
Functions & Features
• Interfacing remote I/O devices with a modem for a
telemetering system
• Process I/O
FIBER
LINK
RT
RU
SA2
SA1
RUN
POW
53 (2.09)
200
(2.87)
300
(11.81)
mm (inch)
MODEL: DLS–[1][2]–[3][4]
ORDERING INFORMATION
• Code number: DLS-[1][2]-[3][4]
Specify a code from below for each [1] through [4].
(e.g. DLS-1S1A4B4-K/M4A)
[1] TRANSMISSION MEDIA
1: Twisted-pair cable
2: Fiber optics cable
7: Twisted-pair – fiber optics (repeater incorporated)
[2] I/O SECTION
00: None
A1: Di 32 points
A2: Di 64 points
C1: Do 32 points (relay)
C2: Do 32 points (open collector)
C3: Do 64 points (relay)
C4: Do 64 points (open collector)
E1: Di 16 + Do 16 points (relay)
E2 : Di 16 + Do 16 points (open collector)
G1x: Ai 32 points
M1x: Ao 32 points
P1x : Pi 16 + Ai 16 points
R1xx: Ai 16 + Ao 16 points
S1xx: Ai 8 + Ao 8 + Di 8 + Do 8 points
U1x : Po 16 + Ao 16 points
See data sheet for Standard Multi-Transmission Unit (model:
DLA1) for specifications of I/O sections.
[3] POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 66 Hz)
L: 170 – 264 V AC
(Operational voltage range 170 – 264 V, 47 – 66 Hz)
DC Power
S: 12 V DC
(Operational voltage range 12 V ±10 %, ripple 10 %p-p max.)
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
Note: Modem /A1x not selectable for use with DC power
input.
[4] MODEM
/A1A: M-System's 50 bps use modem (model: MOD); Station A
/A1B: M-System's 50 bps use modem (model: MOD); Station B
/M3A: M-System's 1200 bps use modem (model: MOD3); Station A
/M3B: M-System's 1200 bps use modem (model: MOD3); Station B
/M4A: M-System's 300 bps use voice/data modem
(model: MOD4, MOD7); Station A
/M4B: M-System's 300 bps use voice/data modem
(model: MOD4, MOD7); Station B
/M5A: M-System's 1200 bps use modem
(model: MOD5, MOD8); Station A
/M5B: M-System's 1200 bps use modem
(model: MOD5, MOD8); Station B
/M6A: M-System's 2400 bps use modem
(model: MOD6); Station A
/M6B: M-System's 2400 bps use modem
(model: MOD6); Station B
Note: Consult factory for modem specifications.
RELATED PRODUCTS
• Standard multi-transmission unit (model: DLA1)
• Connector terminal block (model: CNT)
• RS cable (model: DCN1)
• Special cable with 40-pin connector (model: FCN)
• 50 bps modem (model: MOD)
• 1200 bps modem (model: MOD3)
• Voice/data modem (model: MOD4, MOD7)
• 1200 bps modem (model: MOD5, MOD8)
• 2400 bps modem (model: MOD6)
GENERAL SPECIFICATIONS
Construction: Surface mounting; terminal access on the
front
Connection
Transmission line terminal: Euro type connector terminal;
wire size 1.25 mm2 max.
Power supply terminal: Euro type connector terminal; wire


Similar Part No. - DLS

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
DLS-1050-1 HOKURIKU-DLS-1050-1 Datasheet
56Kb / 1P
Microwave Components
DLS-2050-1 HOKURIKU-DLS-2050-1 Datasheet
56Kb / 1P
Microwave Components
DLS-5050-1 HOKURIKU-DLS-5050-1 Datasheet
56Kb / 1P
Microwave Components
logo
Cooper Bussmann, Inc.
DLS-R-1 COOPER-DLS-R-1 Datasheet
174Kb / 3P
Dual-Element, Time-Delay Construction Grade Fuses
logo
SHENZHEN YONGERJIA INDU...
DLS120 WINNERJOIN-DLS120 Datasheet
121Kb / 2P
Silicon epitaxial planer type
More results

Similar Description - DLS

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z80180 ZILOG-Z80180 Datasheet
1Mb / 124P
Microprocessor Unit
logo
Gamewell-FCI by Honeywe...
RDU GAMEWELL-FCI-RDU Datasheet
83Kb / 1P
Releasing Device Unit/Abort Timer Unit
logo
List of Unclassifed Man...
Z8018006VSG ETC2-Z8018006VSG Datasheet
1,007Kb / 85P
Microprocessor Unit
logo
Hamamatsu Corporation
C12419 HAMAMATSU-C12419 Datasheet
172Kb / 2P
AMPLIFIER UNIT
logo
List of Unclassifed Man...
PKE12 ETC2-PKE12 Datasheet
311Kb / 4P
Single unit/Complete unit
logo
M-System Co.,Ltd.
22LS1 MSYSTEM-22LS1 Datasheet
187Kb / 7P
Telemetering System
DAST20 MSYSTEM-DAST20 Datasheet
383Kb / 22P
Telemetering System
TMA MSYSTEM-TMA Datasheet
59Kb / 4P
ANALOG TELEMETERING MODULE
TMR MSYSTEM-TMR Datasheet
62Kb / 4P
CONTACT TELEMETERING MODULE
logo
PHOENIX CONTACT
5145546 PHOENIX-5145546 Datasheet
105Kb / 7P
Engraving unit - P1 ENGRAVING UNIT
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com