Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLS Datasheet(PDF) 9 Page - M-System Co.,Ltd.

Part # DLS
Description  TELEMETERING UNIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DLS Datasheet(HTML) 9 Page - M-System Co.,Ltd.

Back Button DLS Datasheet HTML 2Page - M-System Co.,Ltd. DLS Datasheet HTML 3Page - M-System Co.,Ltd. DLS Datasheet HTML 4Page - M-System Co.,Ltd. DLS Datasheet HTML 5Page - M-System Co.,Ltd. DLS Datasheet HTML 6Page - M-System Co.,Ltd. DLS Datasheet HTML 7Page - M-System Co.,Ltd. DLS Datasheet HTML 8Page - M-System Co.,Ltd. DLS Datasheet HTML 9Page - M-System Co.,Ltd. DLS Datasheet HTML 10Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MODEL: DLS
http://www.m-system.co.jp/
DLS SPECIFICATIONS
ES-6515 Rev.18 Page 9/10
MOUNTING REQUIREMENTS unit: mm (inch)
55
(2.17)
55
(2.17)
2–M4 SCREW
3.5 (.14)
■ SURFACE MOUNTING
■ SIDE MOUNTING (terminal block at the right side)
170 (6.69)
4–M4 SCREW
WIRING SPACE
95 (3.74) MIN.
FUNCTION BLOCK DIAGRAM
Multi-Xmission
Interface
6 7 8 9
4 5
Isolation
Circuit
Isolation
Circuit
1 2
Network
CPU
Common RAM
or Latching Circuit
RAM
EP ROM
UART
I/O
Controller
RUN
Controller
I/O
Driver
I/O TERMINALS
MODULAR JACK
Watch-dog
RUN Contact
Output
POWER TERMINALS
MULTI-XMISSION TERMINALS
RUN
LED
Station No.
Set SW
Contact I/O
Indicator LEDs
I/O CPU
RUN LED
POWER LED
*
**
***
*
Not included with codes G1, P1, R1 or S1.
**
Not included with codes A1, A2, C1, C2, C3, C4, E1 or E2.
*** Not included when there is no process I/O.
**** Not included with codes G1, M1 or R1.
**
****



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com