Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLA1-1A2-R Datasheet(PDF) 32 Page - M-System Co.,Ltd.

Part # DLA1-1A2-R
Description  Multiplex Transmission System
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DLA1-1A2-R Datasheet(HTML) 32 Page - M-System Co.,Ltd.

Back Button DLA1-1A2-R Datasheet HTML 25Page - M-System Co.,Ltd. DLA1-1A2-R Datasheet HTML 26Page - M-System Co.,Ltd. DLA1-1A2-R Datasheet HTML 27Page - M-System Co.,Ltd. DLA1-1A2-R Datasheet HTML 28Page - M-System Co.,Ltd. DLA1-1A2-R Datasheet HTML 29Page - M-System Co.,Ltd. DLA1-1A2-R Datasheet HTML 30Page - M-System Co.,Ltd. DLA1-1A2-R Datasheet HTML 31Page - M-System Co.,Ltd. DLA1-1A2-R Datasheet HTML 32Page - M-System Co.,Ltd. DLA1-1A2-R Datasheet HTML 33Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
MODEL: DLA1
DLA1 SPECIFICATIONS
ES-6510 Rev.9 Page 32/33
http://www.m-system.co.jp/
PULSE & ANALOG OUTPUT UNIT
(Po 16 + Ao 16 points)
MODEL: DLA1–[1]U1[2]–[3][4]
ORDERING INFORMATION
• Code number: DLA1–[1]U1[2]-[3][4]
Specify a code from below for each [1] through [4].
(e.g. DLA1-2U1B4-K/Q)
• Specify the specification for option code /Q
(e.g. /C01)
Use Ordering Information Sheet (No. ESU-6510-U1)
to describe your system configuration in order to calculate
appropriate “Loss of Communication Check Time.”
[1] TRANSMISSION MEDIA
1: Twisted-pair cable
2: Fiber optics cable
7: Twisted-pair – fiber optics (repeater incorporated)
[2] ANALOG OUTPUT
Voltage
B4: 0 – 10 V DC (Load resistance 10 kΩ min.)
B5: 0 – 5 V DC (Load resistance 10 kΩ min.)
B6: 1 – 5 V DC (Load resistance 10 kΩ min.)
[3] POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 66 Hz)
L: 170 – 264 V AC
(Operational voltage range 170 – 264 V, 47 – 66 Hz)
DC Power
S: 12 V DC
(Operational voltage range 12 V ±10 %, ripple 10 %p-p max.)
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Connection
Output: 40-pin connector terminal; M3 screws
(torque 0.7 N·m)
Applicable wire size: 0.75 mm2
Isolation: Output to transmission to power
Pulse output indicator LED: Red LEDs turn on when the
respective output channels are closed.
Output CPU RUN indicator LED: Red LED turns ON when the
CPU operates normally.
OUTPUT SPECIFICATIONS
■ Analog Output: DC voltage, 16 points
Operational range: -1.5 – +11.5 V DC
Commons: All negatives
■ Pulse Output: Open collector (Darlington), 16 points
Commons: All negatives
Contact rating: 30 V DC @ 100 mA (resistive load)
Saturation voltage: 1.6 V DC
Maximum frequency: 10 Hz
Pulse width: Duty ratio 50 %
PERFORMANCE
Accuracy: ±10 mV
Temp. coefficient: ±1.5 mV/°C (±0.9 mV/°F)
Multi-transmission time: 48 msec.
Output time: 200 msec. per 32 points
EXTERNAL VIEW
40-pin Connector
Terminal Block
Modular Jack
Output CPU
RUN Indicator
Pulse Output
Indicator LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com