Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLA1-1A2-R Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # DLA1-1A2-R
Description  Multiplex Transmission System
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DLA1-1A2-R Datasheet(HTML) 7 Page - M-System Co.,Ltd.

Back Button DLA1-1A2-R Datasheet HTML 3Page - M-System Co.,Ltd. DLA1-1A2-R Datasheet HTML 4Page - M-System Co.,Ltd. DLA1-1A2-R Datasheet HTML 5Page - M-System Co.,Ltd. DLA1-1A2-R Datasheet HTML 6Page - M-System Co.,Ltd. DLA1-1A2-R Datasheet HTML 7Page - M-System Co.,Ltd. DLA1-1A2-R Datasheet HTML 8Page - M-System Co.,Ltd. DLA1-1A2-R Datasheet HTML 9Page - M-System Co.,Ltd. DLA1-1A2-R Datasheet HTML 10Page - M-System Co.,Ltd. DLA1-1A2-R Datasheet HTML 11Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
MODEL: DLA1
DLA1 SPECIFICATIONS
ES-6510 Rev.9 Page 7/33
http://www.m-system.co.jp/
CONNECTION DIAGRAM
6
7
8
9
+
–
V(–)
EARTH (FG)
U(+)
POWER
RUN CONTACT OUTPUT
2
1
5
4
3
JUMPER PIN*
■ TWISTED-PAIR CABLE
(transmission media code: 1)
V(–)
EARTH (FG)
U(+)
POWER
RUN CONTACT OUTPUT
2
1
5
4
3
6
7
8
9
+
–
V(–)
EARTH (FG)
U(+)
POWER
RUN CONTACT OUTPUT
2
1
5
4
3
■ TWISTED-PAIR & FIBER OPTICS
(transmission media code: 7)
FIBER - OPTIC
CONNECTOR
FIBER - OPTIC
CONNECTOR
Fiber Optics
FIBER - OPTIC
CONNECTOR
Fiber Optics
■ FIBER OPTICS CABLE
(transmission media code: 2)
Shielded
Twisted-pair Cable
JUMPER PIN*
Shielded
Twisted-pair Cable
*When the unit is located at the end of transmission line via twisted-pair cable (= no cross-wiring),
short across the terminals 6 – 7 with the jumper pin (or wire) provided with the unit.
Remove the jumper pin for the one not located at the end.
EXTERNAL DIMENSIONS unit: mm (inch)
■STANDARD TYPE (DLA1-xA1, xC1, xC2, xE1, xE2, xG1, xM1, xP1, xR1, xS1, xU1)
3.5 (.14)
53 (2.09)
200 (7.87)
170 (6.69)
28 (1.10)
SIDE MOUNTING 4 – 4.4 (.17) dia.
[53 (2.09) deep]
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
•40-pin Connector Terminal Block
40–M3 SCREW
TERMINAL
SURFACE MOUNTING M4 SCREW
[7 (.28) deep]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com