Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLA1-1A2-R Datasheet(PDF) 17 Page - M-System Co.,Ltd.

Part # DLA1-1A2-R
Description  Multiplex Transmission System
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DLA1-1A2-R Datasheet(HTML) 17 Page - M-System Co.,Ltd.

Back Button DLA1-1A2-R Datasheet HTML 13Page - M-System Co.,Ltd. DLA1-1A2-R Datasheet HTML 14Page - M-System Co.,Ltd. DLA1-1A2-R Datasheet HTML 15Page - M-System Co.,Ltd. DLA1-1A2-R Datasheet HTML 16Page - M-System Co.,Ltd. DLA1-1A2-R Datasheet HTML 17Page - M-System Co.,Ltd. DLA1-1A2-R Datasheet HTML 18Page - M-System Co.,Ltd. DLA1-1A2-R Datasheet HTML 19Page - M-System Co.,Ltd. DLA1-1A2-R Datasheet HTML 20Page - M-System Co.,Ltd. DLA1-1A2-R Datasheet HTML 21Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
MODEL: DLA1
DLA1 SPECIFICATIONS
ES-6510 Rev.9 Page 17/33
http://www.m-system.co.jp/
CONTACT OUTPUT UNIT
(Do 64 points; open collector)
MODEL: DLA1–[1]C4–[2][3]
ORDERING INFORMATION
• Code number: DLA1–[1]C4–[2][3]
Specify a code from below for each [1] through [3].
(e.g. DLA1-2C4-K/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] TRANSMISSION MEDIA
1: Twisted-pair cable
2: Fiber optics cable
7: Twisted-pair – fiber optics (repeater incorporated)
[2] POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 66 Hz)
L: 170 – 264 V AC
(Operational voltage range 170 – 264 V, 47 – 66 Hz)
DC Power
S: 12 V DC
(Operational voltage range 12 V ±10 %, ripple 10 %p-p max.)
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Connector terminal block (model: CNT)
• Special cable with 40-pin connector (model: FCN)
GENERAL SPECIFICATIONS
Connection:
Output: FCN 40-pin connector (two);
(FUJITSU FCN-365P040-AU)
LED indicator selector: Switching between CN1 (U) and
CN2 (L)
Isolation: Output to transmission to power
Contact output indicator LED: Red LEDs turn on when the
respective output channels are ON.
OUTPUT SPECIFICATIONS
Commons: All negatives
Output: Open collector, 64 points
Contact rating: 30 V DC @ 100 mA (resistive load)
External protection is recommended with inductive loads.
Saturation voltage: 1.6 V DC
PERFORMANCE
Output time: 6 msec. per 64 points
EXTERNAL VIEW
Contact Output
Indicator LED
CN2
LED Indicator
Selector
CN1
U
L
SW
CONNECTOR PIN ASSIGNMENT
■ CONNECTOR CN2
PIN
CH.
PIN
CH.
NO.
NO.
NO.
NO.
A1
Do33
B1
Do49
2
34
2
50
3
35
3
51
4
36
4
52
5
37
5
53
6
38
6
54
7
39
7
55
8
40
8
56
17
C1
17
C1
18
C1
18
C1
9
Do41
9
Do57
10
42
10
58
11
43
11
59
12
44
12
60
13
45
13
61
14
46
14
62
15
47
15
63
16
48
16
64
19
C1
19
C1
20
CL3
20
CL4
■ CONNECTOR CN1
PIN
CH.
PIN
CH.
NO.
NO.
NO.
NO.
A1
Do 1
B1
Do17
2
2
2
18
3
3
3
19
4
4
4
20
5
5
5
21
6
6
6
22
7
7
7
23
8
8
8
24
17
C1
17
C1
18
C1
18
C1
9
Do 9
9
Do25
10
10
10
26
11
11
11
27
12
12
12
28
13
13
13
29
14
14
14
30
15
15
15
31
16
16
16
32
19
C1
19
C1
20
CL1
20
CL2
C1: negative common to all channels
CL1 – CL4: clamp terminals per 16 points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com