Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4000 Datasheet(PDF) 72 Page - Analog Devices

Part # ADPD4000
Description  Multimodal Sensor Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4000 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADPD4000 Datasheet HTML 68Page - Analog Devices ADPD4000 Datasheet HTML 69Page - Analog Devices ADPD4000 Datasheet HTML 70Page - Analog Devices ADPD4000 Datasheet HTML 71Page - Analog Devices ADPD4000 Datasheet HTML 72Page - Analog Devices ADPD4000 Datasheet HTML 73Page - Analog Devices ADPD4000 Datasheet HTML 74Page - Analog Devices ADPD4000 Datasheet HTML 75Page - Analog Devices ADPD4000 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 82 page
background image
ADPD4000/ADPD4001
Data Sheet
Rev. A | Page 72 of 82
TIME SLOT CONFIGURATION REGISTERS
Table 32. Register Details
Addr
Name
Bits
Bit Name
Description
Reset Access
0x0100 TS_CTRL_A
15
Reserved
Reserved.
0x0
R
0x0120 TS_CTRL_B
14
CH2_EN_x
Channel 2 enable.
0x0
R/W
0x0140 TS_CTRL_C
0: Channel 2 disabled.
0x0160 TS_CTRL_D
1: Channel 2 enabled.
0x0180 TS_CTRL_E
[13:12] SAMPLE_TYPE_x
Time Slot x sampling type.
0x0
R/W
0x01A0 TS_CTRL_F
00: standard sampling modes.
0x01C0 TS_CTRL_G
01: one-region digital integration mode.
0x01E0 TS_CTRL_H
10: two-region digital integration mode.
0x0200 TS_CTRL_I
11: impulse response mode.
0x0220 TS_CTRL_J
[11:10] INPUT_R_SELECT_x
Input resistor (RIN) select.
0x0
R/W
0x0240 TS_CTRL_K
00: 500 Ω.
0x0260 TS_CTRL_L
01: 6.25 kΩ.
10: reserved.
11: reserved.
[9:0]
TIMESLOT_OFFSET_x
Time Slot x offset in 64 × number of 1 MHz low frequency
oscillator cycles or 2 × number of 32 kHz low frequency
oscillator cycles.
0x0
R/W
0x0101 TS_PATH_A
[15:12] PRE_WIDTH_x
Preconditioning duration for Time Slot x. This value is in 2 μs
increments. A value of 0 skips the preconditioning state.
Default is 8 μs.
0x4
R/W
0x0121 TS_PATH_B
0x0141 TS_PATH_C
0x0161 TS_PATH_D
[11:9]
Reserved
Write 0x0.
0x0
R
0x0181 TS_PATH_E
[8:0]
AFE_PATH_CFG_x
Signal path selection.
0x1DA R/W
0x01A1 TS_PATH_F
0x1DA: TIA, BPF, integrator, and ADC.
0x01C1 TS_PATH_G
0x0E6: TIA, integrator, and ADC.
0x01E1 TS_PATH_H
0x106: TIA and ADC.
0x0201 TS_PATH_I
0x101: ADC.
0x0221 TS_PATH_J
0x0E1: buffer and ADC.
0x0241 TS_PATH_K
0x0261 TS_PATH_L
0x0102 INPUTS_A
[15:12] INP78_x
IN7 and IN8 input pair enable.
0x0
R/W
0x0122 INPUTS_B
0000: input pair disabled. IN7 and IN8 disconnected.
0x0142 INPUTS_C
0001: IN7 connected to Channel 1. IN8 disconnected.
0x0162 INPUTS_D
0010: IN7 connected to Channel 2. IN8 disconnected.
0x0182 INPUTS_E
0011: IN7 disconnected. IN8 connected to Channel 1.
0x01A2 INPUTS_F
0100: IN7 disconnected. IN8 connected to Channel 2.
0x01C2 INPUTS_G
0101: IN7 connected to Channel 1. IN8 connected to Channel 2.
0x01E2 INPUTS_H
0110: IN7 connected to Channel 2. IN8 connected to Channel 1.
0x0202 INPUTS_I
0111: IN7 and IN8 connected to Channel 1. Single-ended or
0x0222 INPUTS_J
differentially based on PAIR78.
0x0242 INPUTS_K
1000: IN7 and IN8 connected to Channel 2. Single-ended or
0x0262 INPUTS_L
differentially based on PAIR78.
[11:8]
INP56_x
IN5 and IN6 input pair enable.
0x0
R/W
0000: input pair disabled. IN5 and IN6 disconnected.
0001: IN5 connected to Channel 1. IN6 disconnected.
0010: IN5 connected to Channel 2. IN6 disconnected.
0011: IN5 disconnected. IN6 connected to Channel 1.
0100: IN5 disconnected. IN6 connected to Channel 2.
0101: IN5 connected to Channel 1. IN6 connected to Channel 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com