Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4000 Datasheet(PDF) 13 Page - Analog Devices

Part # ADPD4000
Description  Multimodal Sensor Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4000 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPD4000 Datasheet HTML 9Page - Analog Devices ADPD4000 Datasheet HTML 10Page - Analog Devices ADPD4000 Datasheet HTML 11Page - Analog Devices ADPD4000 Datasheet HTML 12Page - Analog Devices ADPD4000 Datasheet HTML 13Page - Analog Devices ADPD4000 Datasheet HTML 14Page - Analog Devices ADPD4000 Datasheet HTML 15Page - Analog Devices ADPD4000 Datasheet HTML 16Page - Analog Devices ADPD4000 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
Data Sheet
ADPD4000/ADPD4001
Rev. A | Page 13 of 82
TYPICAL PERFORMANCE CHARACTERISTICS
250
0
50
100
150
200
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
LED DRIVER VOLTAGE (V)
DRIVE SETTING 0xF = 16mA
DRIVE SETTING 0x36 = 80mA
DRIVE SETTING 0x7F = 200mA
Figure 7. LED Driver Current vs. LED Driver Voltage at 16 mA, 80 mA, and
200 mA
0
–60
–50
–40
–30
–20
–10
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 8. AC PSRR vs. Frequency
9
8
7
6
5
4
3
2
1
0
0
200
150
100
50
TIA GAIN (kΩ)
Figure 9. Referred to Input Noise vs. TIA Gain
90
74
76
78
80
82
84
86
88
1
10
100
NUMBER OF PULSES
50kΩ GAIN
100kΩ GAIN
200kΩ GAIN
Figure 10. SNR vs. Number of Pulses, CPD = 70 pF
10
9
8
7
6
5
4
3
2
1
0
0
1000
900
800
700
600
500
400
300
200
100
INPUT CAPACITANCE (pF)
200kΩ GAIN
100kΩ GAIN
50kΩ GAIN
25kΩ GAIN
12.5kΩ GAIN
Figure 11. Referred to Input Noise vs. Input Capacitance
0
–60
–50
–40
–30
–20
–10
1
10
100
1k
10k
100k
FREQUENCY (Hz)
Figure 12. Ambient Light Rejection vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com