Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4000 Datasheet(PDF) 21 Page - Analog Devices

Part # ADPD4000
Description  Multimodal Sensor Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4000 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADPD4000 Datasheet HTML 17Page - Analog Devices ADPD4000 Datasheet HTML 18Page - Analog Devices ADPD4000 Datasheet HTML 19Page - Analog Devices ADPD4000 Datasheet HTML 20Page - Analog Devices ADPD4000 Datasheet HTML 21Page - Analog Devices ADPD4000 Datasheet HTML 22Page - Analog Devices ADPD4000 Datasheet HTML 23Page - Analog Devices ADPD4000 Datasheet HTML 24Page - Analog Devices ADPD4000 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
Data Sheet
ADPD4000/ADPD4001
Rev. A | Page 21 of 82
Figure 22 shows the basic time slot operation sequence. Each
time slot is repeated at the sampling rate, followed by an ultra
low power sleep period. By default, subsequent time slots are
initiated immediately following the end of the previous time
slot. In addition, there is an option to add an offset to the start
of the subsequent time slots using the TIMESLOT_OFFSET_x
bit field as shown in Figure 23, which shows the TIMESLOT_
OFFSET_B bit field being used to offset the start of Time Slot B.
In this case, each time slot still operates at the sampling rate, but
there is a sleep period between Time Slot A and Time Slot B.
The wake period shown in Figure 22 and Figure 23 is used to
power up and stabilize the analog circuitry before data
acquisition begins. If the TIMESLOT_OFFSET_B bit field is set
to 0, the time slot starts as soon as the previous time slot finishes.
The time slot offset is always applied to the Time Slot A start
time. For example, TIMESLOT_OFFSET_D is an offset added
to the beginning of Time Slot A, not Time Slot C, which
immediately precedes Time Slot D.
The amount of offset applied is dependent on the low frequency
oscillator used. If using the 1 MHz low frequency oscillator,
Offset = 64 × (Number of 1 MHz Low Frequency Oscillator
Cycles) × TIMESLOT_OFFSET_x
If using the 32 kHz low frequency oscillator,
Offset = 2 × (Number of 32 kHz Low Frequency Oscillator
Cycles) × TIMESLOT_OFFSET_x
For example, if TIMESLOT_OFFSET_C is set to 0x040 and the
1 MHz low frequency oscillator is being used, then the offset
from the start of Time Slot A to the start of Time Slot C is
Offset = (64 × 1 µs × 64) = 4.096 ms
The sampling rate is controlled by the low frequency oscillator.
The low frequency oscillator is driven by one of three sources as
described in the Clocking section.
If the sampling period is set too short to allow the enabled time
slots to complete, a full cycle of enabled time slot samples are
skipped, effectively reducing the overall sample rate. For example,
if the sampling rate is set to 100 Hz (10 ms period) and the total
amount of time required to complete all enabled time slots is
11 ms, the next cycle of time slots does not begin until t = 20 ms,
effectively reducing the sampling rate to 50 Hz.
If TIMESLOT_OFFSET_x is set too short to allow the previous
time slot to finish, the time slot occurs immediately after the
previous time slot. Time slots always occur in A through L order.
Using External Synchronization for Sampling
An external signal driven to a configured GPIO pin can be used
to wake from sleep instead of the TIMESLOT_PERIOD_x
counter, which allows external control of the sample rate and time.
This mode of operation is enabled using the EXT_SYNC_EN
bit and uses the GPIO pin selected by the EXT_SYNC_GPIO bit
field. If using this feature, be sure to enable the selected GPIO
pin as an input using the appropriate GPIO_PIN_CFGx bit field.
When operating with external synchronization, the device
enters sleep first when set into go mode and waits for the next
external synchronization signal before waking up. This external
synchronization signal is then synchronized to the low frequency
oscillator and then starts the wake-up sequence. If an additional
external synchronization is provided prior to completing time
slot operations, it is ignored.
EXECUTION MODES
A state machine in the low frequency oscillator clock domain
controls sleep times, wake-up cycles, and the start of time slot
operations. The low frequency oscillator serves as the time base
for all time slot operations, controls the sample rates, and clocks
the low frequency state machine. This state machine controls all
operations and is controlled by the OP_MODE bit.
Table 15. OP_MODE Bit Setting Descriptions
OP_MODE
Setting
Mode
Description
0
Off
All operations stopped. Time slot actions
reset. Low power standby state.
1
Go
Transitioning to this state from off mode
starts time slot operation.
At power-up and following any subsequent reset operations, the
ADPD4000/ADPD4001 is in off mode. The user can write 0 to
the OP_MODE bit to immediately stop operations and return
to off mode.
Register writes that affect operating modes cannot occur during
go mode. The user must enter off mode before changing the
control registers. Off mode resets the digital portion of the
ADC, all of the pulse generators, and the state machine.
When OP_MODE is set to 1, the device immediately starts the
first wake-up sequence and time slot operations unless using an
external synchronization trigger. If using an external
synchronization trigger, the device enters the sleep state before
the first wake-up and time slot regions begin.
SLEEP
WAKE
TIME SLOT A
TIME SLOT B
TIME SLOT L
SLEEP
WAKE
TIME SLOT A
TIMESLOT_PERIOD_x/
LOW FREQUENCY OSCILLATOR (s)
Figure 22. Basic Time Slot Operation Sequence
SLEEP
WAKE
TIME SLOT A
SLEEP
WAKE
TIME SLOT B
SLEEP
WAKE
TIME SLOT A
TIMESLOT_PERIOD_x/
LOW FREQUENCY OSCILLATOR (s)
TIME SLOT_OFFSET_B
Figure 23. Time Slot Operation with Offset Using TIMESLOT_OFFSET_x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com