Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4100BCBZR7 Datasheet(PDF) 49 Page - Analog Devices

Part # ADPD4100BCBZR7
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100BCBZR7 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADPD4100BCBZR7 Datasheet HTML 45Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 46Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 47Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 48Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 49Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 50Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 51Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 52Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 101 page
background image
Data Sheet
ADPD4100/ADPD4101
Rev. 0 | Page 49 of 101
Figure 56 shows a circuit that can be used for the two-electrode
lead off detection measurement. RBODY is the resistance of the
body.
CH1
IN1
IN2
470pF
VC2
VC2
ADPD4100/
ADPD4101
500kΩ
500kΩ
IN3
25kΩ
25kΩ
RBODY
E1
E2
47pF
47pF
Figure 56. Circuit Used for Two-Electrode Lead Off Detection Measurement
ECG and two-electrode lead off detection are measured as
follows:
1. ECG is measured in Time Slot A as defined in the ECG
Measurement with the ADPD4100/ADPD4101 section.
2. Lead off detection of the ECG electrodes is taken in
Time Slot B by making a single-ended measurement for
impedance between the E1 and E2 ECG electrodes into
Channel 1, as shown in Figure 56.
When the ECG electrodes are making contact with the skin
during the measurement, an ECG signal and a value for the
impedance measurement indicating that some current is
flowing through RBODY are visible. When either electrode stops
making contact with the skin, there is no ECG signal, and a
much smaller value at the ADC output is observed for the
impedance measurement indicating that there is no current
flowing through the low impedance RBODY. When both electrode
skin contacts are restored, the ECG signal appears immediately.
Because only one input and one channel are allocated to detect
lead off condition for two electrodes, the impedance measurement
shows a much smaller value when either electrode loses contact
with skin and, thus, it is a common indicator for both electrodes.
Figure 57 illustrates a representation of ADC output changes in
different cases. Before Time tA, both ECG electrodes make
contact with the skin. At Time tA, only E1 is disconnected from
the skin. At Time tB, it starts to make contact with the skin again
and both electrodes make contact until tC. At tC, only E2 is
disconnected from the skin and it stays disconnected until tD. At
tD, E2 starts making contact with the skin again, and they stay
connected until tE. At tE, both electrodes are disconnected. At
tF, both electrodes start making contact again. Therefore, lead
off detection measurement can be achieved for all cases, and
lead off condition is represented by lower ADC output for the
impedance measurement.
TIME
tA
tB
tC
tD
tE
tF
Figure 57. Graph of Two-Electrode Lead Off Measurement
The following configuration enables low dc offset ECG
measurement in Time Slot A and two-electrode lead off
detection in Time Slot B:
# ADPD4100 ECG Measurement with small DC
offset in Timeslot A and Two-Electrode
Lead-Off Measurement in Timeslot B
0009 0080
# 32MHz oscillator trim
000B 02B2
# 1MHz oscillator trim
000D 0D05
# Sampling rate 300 Hz
000F 0006
# 1MHz low frequency oscillator
0010 0100
# Timeslot A and B enabled
0020 2200
# Float input 1&2 and 3&4
during sleep
0021 0001
# IN1/IN2 configured as a
differential pair
# Timeslot configuration #
# ADPD4100 ECG Measurement with small DC
offset
0100 0000
# Input resistor 500
Ω
0101 00E6
# skip preconditioning,
bandpass filter bypassed
0102 0007
# IN1&IN2 differential pair to
channel 1
0103 0000
# float during preconditioning
0104 02C1
# TIA gain 100k
Ω, TIA_VREF =
0.88V
0105 0000
# LEDs off
0106 0000
# LEDs off
0107 0102
# 2 pulses
0108 1000
# float mode, minimum period
010A 0203
# Integrator pulse width,
bandpass filter powered down
010B 01A0
# Integrator pulse timing
offset
010C 0210
# Modulation pulse width and
offset
010D 0000
# Chopping mode disabled
010E 0000
# no ADC offset
010F 0000
# no ADC offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com