Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4100BCBZR7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADPD4100BCBZR7
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100BCBZR7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADPD4100BCBZR7 Datasheet HTML 16Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 17Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 18Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 19Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 20Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 21Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 22Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 23Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 101 page
background image
ADPD4100/ADPD4101
Data Sheet
Rev. 0 | Page 20 of 101
At the end of the pulse operations in each time slot, the lit and
dark values are clipped to positive numbers and are sent to the
decimation unit. At the end of time slot operations, if the
decimated value is ready, the signal value is calculated by
subtracting the dark value from the lit value. Then, the data
registers that are ready are updated, and the selected values are
written to the FIFO. The data interrupt for that time slot is also
set at this time for each updated time slot.
Decimation
The DECIMATE_FACTOR_x bits determine the number of
time slot values used to create a 32-bit final sample value at a
rate of
Sample Rate =
(1/TIMESLOT_PERIOD_x)/(DECIMATE_FACTOR_x + 1)
If DECIMATE_FACTOR_x is 0, the output sample rate equals
the time slot rate. The final value is the sum of the decimated
samples. There is no divide by (DECIMATE_FACTOR_x + 1)
operation performed on the decimated data, but final data
values can be bit shifted to the right before being written to the
FIFO, creating a direct average when the number of samples is a
power of 2. DECIMATE_TYPE_x selects the method of
decimation used. A setting of 0 selects a simple block sum with
other settings allowing higher order CIC filters up to fourth
order. If using higher order CIC filters for the signal data, the
dark data still uses the simple block sum at the same decimation
rate. Each time slot maintains its own block sum or CIC filter
state. The entire decimation path uses a 32-bit datapath. When
using the CIC filter, the number of bits required for the result is
dependent on the number of pulses, the decimation rate and the
order of the CIC filter according to the following equation:
NBITS = 14 + log2(Number of Pulses) + (log2(Decimation
Rate))(CIC Order)
It is up to the user to ensure that there is no undesired overflow.
Final data results can be read from data registers or a 512-byte
data FIFO. Data written to the FIFO is configurable to allow the
different data registers, formats, and data sizes as required. Each
time slot can use its own decimation rate. Data from each time
slot is written to the FIFO at its respective ODR.
Subsampling
The ADPD4100/ADPD4101 support a subsampling mode that
allows selected time slots to run at slower sampling rates than
the programmed sampling rate. For example, in a multiparameter
application where most of the measurements need to be taken
at a sampling rate of 300 Hz but one of the measurements only
needs to be taken at 25 Hz, the subsampling mode can be used
on the time slot that only needs to operate at 25 Hz. To enable
subsampling mode for a specific time slot, set the SUBSAMPLE_x
bit to 1 and set the DECIMATE_FACTOR_x bits to the desired
subsampling rate. The subsampled time slot then samples only
once every (DECIMATE_FACTOR_x + 1) cycles, instead of
operating every time slot sequence. If other time slots are decimat-
ing at the same rate, the subsampled cycles occur at the same
time the decimated data is presented to the FIFO. For example,
if Time Slot A is operating at 300 Hz but decimating to 25 Hz,
and Time Slot B is set to subsample by 12, both time slots write
the FIFO during the same time slot sequence and at the same rate.
More complicated patterns can be made if the decimate and
subsample rates for the enabled time slots are different. The
user must manage the varying packet sizes by reading the data
in multiples of the repeating packet size. For example, if Time
Slot A is not decimating or subsampling, Time Slot B is subsam-
pling every second cycle, and Time Slot C is subsampling every
fourth cycle, the data pattern written to the FIFO is A, AB, A,
ABC, and so on, as the repeating packet.
Decimation and subsampling have the same effect on the output
data rate. The only difference is that the decimated time slots
operate every input cycle but produce data at the slower rate
using the on-chip decimating filter. The subsampling time slots
only occur at the slower rate.
Status bytes are written to the FIFO every wake-up period,
regardless of which time slots execute. Using the same example
as the different decimate and subsample rates scenario, but with
a status byte enabled, the pattern is AS, ABS, AS, ABCS, and so
on, where S is a status byte.
FIFO
Data is written to the FIFO at the end of each sampling period.
This packet can include 0, 8-, 16-, 24-, or 32-bit data for each of
the dark data, lit data, and signal data values. The bit alignment
of the data written to the FIFO is selectable with a shift of 0 bits
to 31 bits, with saturation provided. Lower bits are ignored. The
DARK_SHIFT_x, LIT_SHIFT_x, and SIGNAL_SHIFT_x bits
select the number of bits to shift the output data to the right
before writing to the FIFO. The DARK_SIZE_x, LIT_SIZE_x,
and SIGNAL_SIZE_x bits select the number of bytes of each
field to be written from 0 bytes to 4 bytes. When set to 0, no
data is written for that data type. If there are any nonzero bits at
more significant bit positions than those selected, the data
written to the FIFO is saturated. If both channels are enabled,
all selected Channel 1 data values are written to the FIFO first,
followed by the Channel 2 data.
For example, in modes that utilize dark data, the eight upper
bits of the dark data can be stored with 24 appropriately selected
bits from the signal data for each time slot to allow detection of
whether the ambient light is becoming large, while limiting the
size of the amount of data transferred.
Data is written to the FIFO at the end of the sampling period
only if there is enough FIFO space left to write data for each
active time slot. For example, if one active time slot is running
at an ODR of 100 Hz and a second time slot is decimating by 4
or subsampling at 1/4th the rate of the first time slot for an ODR
of 25 Hz, data is only written to the FIFO at the end of the
sampling period if there is enough room for both active time
slots to write data, regardless of whether the time slot that is
decimating or subsampling is supposed to write data during



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com