Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4100BCBZR7 Datasheet(PDF) 73 Page - Analog Devices

Part # ADPD4100BCBZR7
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100BCBZR7 Datasheet(HTML) 73 Page - Analog Devices

Back Button ADPD4100BCBZR7 Datasheet HTML 69Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 70Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 71Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 72Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 73Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 74Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 75Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 76Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 101 page
background image
Data Sheet
ADPD4100/ADPD4101
Rev. 0 | Page 73 of 101
Addr
Name
Bits
Bit Name
Description
Reset Access1
10
INT_DATA_K
Time Slot K data register interrupt status. This bit is set
every time the Time Slot K data registers get updated.
Write 1 to this bit to clear the interrupt. The interrupt is
cleared automatically when the Time Slot K data registers
are read if the INT_ACLEAR_DATA_K bit is set.
0x0
R/W1C
9
INT_DATA_J
Time Slot J data register interrupt status. This bit is set
every time the Time Slot J data registers are updated.
Write 1 to this bit to clear the interrupt. The interrupt is
cleared automatically when the Time Slot J data registers
are read if the INT_ACLEAR_DATA_J bit is set.
0x0
R/W1C
8
INT_DATA_I
Time Slot I data register interrupt status. This bit is set
every time the Time Slot I data registers are updated.
Write 1 to this bit to clear the interrupt. The interrupt is
cleared automatically when the Time Slot I data registers
are read if the INT_ACLEAR_DATA_I bit is set.
0x0
R/W1C
7
INT_DATA_H
Time Slot H data register interrupt status. This bit is set
every time the Time Slot H data registers are updated.
Write 1 to this bit to clear the interrupt. The interrupt is
cleared automatically when the Time Slot H data registers
are read if the INT_ACLEAR_DATA_H bit is set.
0x0
R/W1C
6
INT_DATA_G
Time Slot G data register interrupt status. This bit is set
every time the Time Slot G data registers are updated.
Write 1 to this bit to clear the interrupt. The interrupt is
cleared automatically when the Time Slot G data registers
are read if the INT_ACLEAR_DATA_G bit is set.
0x0
R/W1C
5
INT_DATA_F
Time Slot F data register interrupt status. This bit is set
every time the Time Slot F data registers are updated.
Write 1 to this bit to clear the interrupt. The interrupt is
cleared automatically when the Time Slot F data registers
are read if the INT_ACLEAR_DATA_F bit is set.
0x0
R/W1C
4
INT_DATA_E
Time Slot E data register interrupt status. This bit is set
every time the Time Slot E data registers are updated.
Write 1 to this bit to clear the interrupt. The interrupt is
cleared automatically when the Time Slot E data registers
are read if the INT_ACLEAR_DATA_E bit is set.
0x0
R/W1C
3
INT_DATA_D
Time Slot D data register interrupt status. This bit is set
every time the Time Slot D data registers are updated.
Write 1 to this bit to clear the interrupt. The interrupt is
cleared automatically when the Time Slot D data registers
are read if the INT_ACLEAR_DATA_D bit is set.
0x0
R/W1C
2
INT_DATA_C
Time Slot C data register interrupt status. This bit is set
every time the Time Slot C data registers are updated.
Write 1 to this bit to clear the interrupt. The interrupt is
cleared automatically when the Time Slot C data registers
are read if the INT_ACLEAR_DATA_C bit is set.
0x0
R/W1C
1
INT_DATA_B
Time Slot B data register interrupt status. This bit is set
every time the Time Slot B data registers are updated.
Write 1 to this bit to clear the interrupt. The interrupt is
cleared automatically when the Time Slot B data registers
are read if the INT_ACLEAR_DATA_B bit is set.
0x0
R/W1C
0
INT_DATA_A
Time Slot A data register interrupt status. This bit is set
every time the Time Slot A data registers are updated.
Write 1 to this bit to clear the interrupt. The interrupt is
cleared automatically when the Time Slot A data registers
are read if the INT_ACLEAR_DATA_A bit is set.
0x0
R/W1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com