Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9699 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9699
Description  14-Bit, 3 GSPS, JESD204B, Single Analog-to-Digital Converter
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9699 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9699 Datasheet HTML 9Page - Analog Devices AD9699 Datasheet HTML 10Page - Analog Devices AD9699 Datasheet HTML 11Page - Analog Devices AD9699 Datasheet HTML 12Page - Analog Devices AD9699 Datasheet HTML 13Page - Analog Devices AD9699 Datasheet HTML 14Page - Analog Devices AD9699 Datasheet HTML 15Page - Analog Devices AD9699 Datasheet HTML 16Page - Analog Devices AD9699 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 121 page
background image
Data Sheet
AD9699
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 13 of 121
AVDD1 = 0.975 V, AVDD1_SR = 0.975 V, AVDD2 = 1.9 V, AVDD3 = 2.5 V, DVDD = 0.975 V, DRVDD1 = 0.975 V, DRVDD2 = 1.9 V, SPIVDD =
1.9 V, sampling rate = 3000 MHz, 1.54 V p-p full-scale differential input, default buffer current settings, TA = 25°C, and 128,000 fast Fourier
transform (FFT) sample, unless otherwise noted. See Table 10 for the recommended settings.
Figure 6. Single-Tone FFT at fIN = 255 MHz (NSD is Noise Spectral Density)
Figure 7. Single-Tone FFT at fIN = 765 MHz
Figure 8. Single-Tone FFT at fIN = 905 MHz
Figure 9. Single-Tone FFT at fIN = 1807 MHz
Figure 10. Single-Tone FFT at fIN = 1807 MHz, AIN = −9 dBFS
Figure 11. Single-Tone FFT at fIN = 2100 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com