Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9699 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9699
Description  14-Bit, 3 GSPS, JESD204B, Single Analog-to-Digital Converter
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9699 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9699 Datasheet HTML 25Page - Analog Devices AD9699 Datasheet HTML 26Page - Analog Devices AD9699 Datasheet HTML 27Page - Analog Devices AD9699 Datasheet HTML 28Page - Analog Devices AD9699 Datasheet HTML 29Page - Analog Devices AD9699 Datasheet HTML 30Page - Analog Devices AD9699 Datasheet HTML 31Page - Analog Devices AD9699 Datasheet HTML 32Page - Analog Devices AD9699 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 121 page
background image
Data Sheet
AD9699
ADC OVERRANGE AND FAST DETECT
analog.com
Rev. 0 | 29 of 121
In receiver applications, it is desirable to have a mechanism to
reliably determine when the converter is about to be clipped. The
standard overrange bit in the JESD204B outputs provides informa-
tion on the state of the analog input that is of limited usefulness.
Therefore, it is helpful to have a programmable threshold below full
scale that allows time to reduce the gain before the clip actually
occurs. In addition, because input signals can have significant slew
rates, the latency of this function is of major concern. Highly pipe-
lined converters can have significant latency. The AD9699 contains
fast detect circuitry to monitor the threshold and assert the FD pin.
ADC OVERRANGE
The ADC overrange indicator is asserted when an overrange is
detected on the input of the ADC. The overrange indicator can be
embedded within the JESD204B link as a control bit (when CSB
> 0). The latency of this overrange indicator matches the sample
latency.
The AD9699 also records any overrange condition in any of the
eight virtual converters. For more information on the virtual con-
verters, refer to Figure 81. The overrange status of each virtual
converter is registered as a sticky bit in Register 0x0563. The
contents of Register 0x0563 can be cleared using Register 0x0562,
by toggling the bits corresponding to the virtual converter to set and
reset position.
FAST THRESHOLD DETECTION (FD)
The FD pin is immediately set whenever the absolute value of
the input signal exceeds the programmable upper threshold level.
The FD bit is only cleared when the absolute value of the input
signal drops below the lower threshold level for greater than the
programmable dwell time. This feature provides hysteresis and
prevents the FD bit from excessively toggling.
The operation of the upper threshold and lower threshold registers,
along with the dwell time registers, is shown in Figure 75.
The FD indicator is asserted if the input magnitude exceeds the
value programmed in the fast detect upper threshold registers,
located at Register 0x0247 and Register 0x0248. The selected
threshold register is compared with the signal magnitude at the
output of the ADC. The fast upper threshold detection has a latency
of 28 clock cycles (maximum). The approximate upper threshold
magnitude is defined by
Upper Threshold Magnitude (dBFS) = 20log(Threshold Magni-
tude/213)
The FD indicators are not cleared until the signal drops below the
lower threshold for the programmed dwell time. The lower threshold
is programmed in the fast detect lower threshold registers, located
at Register 0x0249 and Register 0x024A. The fast detect lower
threshold register is a 13-bit register that is compared with the
signal magnitude at the output of the ADC. This comparison is
subject to the ADC pipeline latency, but is accurate in terms of
converter resolution. The lower threshold magnitude is defined by
Lower Threshold Magnitude (dBFS) = 20log(Threshold Magni-
tude/213)
For example, to set an upper threshold of −6 dBFS, write 0xFFF to
Register 0x0247 and Register 0x0248. To set a lower threshold of
−10 dBFS, write 0xA1D to Register 0x0249 and Register 0x024A.
The dwell time can be programmed from 1 to 65,535 sample clock
cycles by placing the desired value in the fast detect dwell time
registers, located at Register 0x024B and Register 0x024C. See
Register 0x0040 and Register 0x0245 to Register 0x024C in the
Memory Map Register Details for more details.
Figure 75. Threshold Settings for FD Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com