Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9699 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9699
Description  14-Bit, 3 GSPS, JESD204B, Single Analog-to-Digital Converter
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9699 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9699 Datasheet HTML 17Page - Analog Devices AD9699 Datasheet HTML 18Page - Analog Devices AD9699 Datasheet HTML 19Page - Analog Devices AD9699 Datasheet HTML 20Page - Analog Devices AD9699 Datasheet HTML 21Page - Analog Devices AD9699 Datasheet HTML 22Page - Analog Devices AD9699 Datasheet HTML 23Page - Analog Devices AD9699 Datasheet HTML 24Page - Analog Devices AD9699 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 121 page
background image
Data Sheet
AD9699
THEORY OF OPERATION
analog.com
Rev. 0 | 21 of 121
The AD9699 has a single analog input channel and up to eight
JESD204B output lane pairs. The ADC samples wide bandwidth
analog signals of up to 5 GHz. The actual −3 dB roll-off of the
analog inputs is 9 GHz. The AD9699 is optimized for wide input
bandwidth, high sampling rate, excellent linearity, and low power in
a small package.
The ADC core features a multistage, differential pipelined architec-
ture with integrated output error correction logic. The ADC features
wide bandwidth inputs supporting a variety of user-selectable input
ranges. An integrated voltage reference eases design considera-
tions.
The AD9699 has several functions that simplify the AGC function in
a communications receiver. The programmable threshold detector
allows monitoring of the incoming signal power using the fast
detect output bits of the ADC. If the input signal level exceeds
the programmable threshold, the fast detect indicator goes high.
Because this threshold indicator has low latency, the user can
quickly turn down the system gain to avoid an overrange condition
at the ADC input.
The Subclass 1 JESD204B-based high speed serialized output
data lanes can be configured in one-lane (L = 1), two-lane (L = 2),
four-lane (L = 4), and eight-lane (L = 8) configurations, depending
on the sample rate and the decimation ratio. Multiple device syn-
chronization is supported through the SYSREF± and SYNCINB±
input pins. The SYSREF± pin in the AD9699 can also be used as
a timestamp of data as it passes through the ADC and out of the
JESD204B interface.
ADC ARCHITECTURE
The architecture of the AD9699 consists of an input buffered pipe-
lined ADC. The input buffer provides a termination impedance to
the analog input signal. This termination impedance is set to 200
Ω. The equivalent circuit diagram of the analog input termination is
shown in Figure 41. The input buffer is optimized for high linearity,
low noise, and low power across a wide bandwidth.
The input buffer provides a linear high input impedance (for ease of
drive) and reduces kickback from the ADC. The quantized outputs
from each stage are combined into a final 14-bit result in the digital
correction logic. The pipelined architecture permits the first stage to
operate with a new input sample. At the same time, the remaining
stages operate with the preceding samples. Sampling occurs on the
rising edge of the clock.
ANALOG INPUT CONSIDERATIONS
The analog input to the AD9699 is a differential buffer. The internal
common-mode voltage of the buffer is 1.35 V. The clock signal
alternately switches the input circuit between sample mode and
hold mode.
Either a differential capacitor or two single-ended capacitors (or
a combination of both) can be placed on the inputs to provide
a matching passive network. These capacitors ultimately create
a low-pass filter that limits unwanted broadband noise. For more
information, refer to the Analog Dialogue article “Transformer-Cou-
pled Front-End for Wideband A/D Converters” (Volume 39, April
2005). In general, the precise front-end network component values
depend on the application.
Figure 53 shows the differential input return loss curve for the
analog inputs across a frequency range of 100 MHz to 10 GHz. The
reference impedance is 100 Ω.
Figure 53. Differential Input Return Loss
For best dynamic performance, the source impedances driving
VIN+ and VIN− must be matched such that common-mode settling
errors are symmetrical. These errors are reduced by the common-
mode rejection of the ADC. An internal reference buffer creates a
differential reference that defines the span of the ADC core.
Maximum SNR performance is achieved by setting the ADC to
the largest span in a differential configuration. For the AD9699,
the available span is programmable through the SPI port from
1.02 V p-p to 1.85 V p-p differential, with 1.54 V p-p differential
being the default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com