Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1026 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1026
Description  Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1026 Datasheet(HTML) 1 Page - Microchip Technology

  TC1026 Datasheet HTML 1Page - Microchip Technology TC1026 Datasheet HTML 2Page - Microchip Technology TC1026 Datasheet HTML 3Page - Microchip Technology TC1026 Datasheet HTML 4Page - Microchip Technology TC1026 Datasheet HTML 5Page - Microchip Technology TC1026 Datasheet HTML 6Page - Microchip Technology TC1026 Datasheet HTML 7Page - Microchip Technology TC1026 Datasheet HTML 8Page - Microchip Technology TC1026 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© 2002 Microchip Technology Inc.
DS21725B-page 1
Features
• Combines Low-Power Op Amp, Comparator and
Voltage Reference in a Single Package
• Optimized for Single Supply Operation
• Small Packages:8-Pin MSOP,8-Pin SOIC,
8-Pin PDIP
• Ultra Low Input Bias Current: Less than 100pA
• Low Quiescent Current: 12
µA(Typ.)
• Rail-to-Rail Inputs and Outputs
•Operates Down to VDD =1.8V, Min
Applications
• Power Management Circuits
• Battery Operated Equipment
• Consumer Products
Device Selection Table
Package Types
General Description
The TC1026 is a mixed-function device combining a
general-purpose op amp, comparator and voltage
reference in a single 8-pin package. This increased
integration allows the user to replace two or three
packages, which saves space, lowers supply current
and increases system performance.
Both the op amp and comparator have rail-to-rail inputs
and outputs which allows operation from low supply
voltages with large input and output swings. The
TC1026 is optimized for low voltage (VDD =1.8V), low
supply current (12
µA typ) operation.
Packaged in a space-saving 8-Pin MSOP, the TC1026
consumes half the board area of an 8-Pin SOIC and is
ideal for applications requiring high integration, small
size and low power. It is also available in 8-Pin SOIC
and 8-Pin PDIP packages.
Functional Block Diagram
Part Number
Package
Temperature
Range
TC1026CEPA
8-Pin PDIP
-40°C to +85°C
TC1026CEUA
8-Pin MSOP
-40°C to +85°C
TC1026CEOA
8-Pin SOIC
-40°C to +85°C
REF (CMPIN)
CMPOUT
CMPIN+
AMPIN
AMPIN+
VSS
AMPOUT
VDD
1
2
3
4
8
7
6
5
TC1026CEPA
TC1026CEUA
TC1026CEOA
8-Pin PDIP
8-Pin MSOP
8-Pin SOIC
-
-
TC1026
VDD
CMPOUT
REF (CMPIN-)
CMPIN+
VSS
AMPIN+
AMPIN-
AMPOUT
CMP
AMP
Voltage
Reference
1
2
3
4
8
7
6
5
TC1026
Linear Building Block – Low Power Comparator with
Op Amp and Voltage Reference


Similar Part No. - TC1026

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1026 TELCOM-TC1026 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - LOW POWER COMPARATOR WITH OP AMP AND VOLTAGE REFERENCE
TC1026COA TELCOM-TC1026COA Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - LOW POWER COMPARATOR WITH OP AMP AND VOLTAGE REFERENCE
TC1026CPA TELCOM-TC1026CPA Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - LOW POWER COMPARATOR WITH OP AMP AND VOLTAGE REFERENCE
TC1026CUA TELCOM-TC1026CUA Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - LOW POWER COMPARATOR WITH OP AMP AND VOLTAGE REFERENCE
TC1026EOA TELCOM-TC1026EOA Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - LOW POWER COMPARATOR WITH OP AMP AND VOLTAGE REFERENCE
More results

Similar Description - TC1026

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1026 TELCOM-TC1026 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - LOW POWER COMPARATOR WITH OP AMP AND VOLTAGE REFERENCE
TC1027 TELCOM-TC1027 Datasheet
28Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE
TC1028 TELCOM-TC1028 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE WITH SHUTDOWN
TC1031 TELCOM-TC1031 Datasheet
22Kb / 1P
LINEAR BUILDING BLOCK - LOW POWER COMPARATOR AND VOLTAGE REFERENCE
TC43 TELCOM-TC43 Datasheet
75Kb / 6P
LINEAR BUILDING BLOCK - VOLTAGE REFERENCE, DUAL OP AMP, DUAL COMPARATOR WITH SHUTDOWN MODE
logo
Microchip Technology
TC1031 MICROCHIP-TC1031 Datasheet
430Kb / 12P
Linear Building Block . Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2002
TC1040 MICROCHIP-TC1040 Datasheet
444Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
2002
TC1041 MICROCHIP-TC1041 Datasheet
443Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
2002
TC1043 MICROCHIP-TC1043 Datasheet
508Kb / 20P
Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode
2002
TC1027 MICROCHIP-TC1027 Datasheet
486Kb / 18P
Linear Building Block - Quad Low Power Comparator and Voltage Reference
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com