Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024CTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST8024CTR
Description  SMARTCARD INTERFACE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024CTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST8024CTR Datasheet HTML 4Page - STMicroelectronics ST8024CTR Datasheet HTML 5Page - STMicroelectronics ST8024CTR Datasheet HTML 6Page - STMicroelectronics ST8024CTR Datasheet HTML 7Page - STMicroelectronics ST8024CTR Datasheet HTML 8Page - STMicroelectronics ST8024CTR Datasheet HTML 9Page - STMicroelectronics ST8024CTR Datasheet HTML 10Page - STMicroelectronics ST8024CTR Datasheet HTML 11Page - STMicroelectronics ST8024CTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ST8024
8/23
Table 12: Internal Oscillator (VDD = 3.3V, VDDP = 5V, fXTAL = 10MHz, unless otherwise noted.
Typical values are to Ta = 25°C)
Table 13: Reset Output To Card Reader (PIN RST) (VDD = 3.3V, VDDP = 5V, fXTAL = 10MHz, unless
otherwise noted. Typical values are to Ta = 25°C)
Table 14: Clock Output To Card Reader (PIN CLK) (VDD = 3.3V, VDDP = 5V, fXTAL = 10MHz, unless
otherwise noted. Typical values are to Ta = 25°C)
Table 15: Control Inputs (PINS CLKDIV1, CLKDIV2, CMDVCC, RSTIN AND 5V/3V
(VDD = 3.3V, VDDP = 5V, fXTAL = 10MHz, unless otherwise noted. Typical values are to Ta = 25°C) (Note
5)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
fOSC(INT) Frequency of internal
oscillator
Inactive mode
55
140
200
kHz
Active mode
2.2
2.7
3.2
MHz
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO(inactive)
Output Voltage in Inactive
Mode
IO(inactive) = 1 mA
0
0.3
V
No Load
0
0.1
IO(inactive)
Output Current
Inactive mode; pin grounded
0
-1
mA
tD(RSTIN-RST) RSTN to RST Delay
RST Enable
2
µs
VOL
Low Level Output Voltage
IOL = 200 µA
0
0.2
V
IOL = 20 mA (current limit)
VCC-0.4
VCC
VOH
High Level Output Voltage
IOH = -200 µA
0.9VCC
VCC
V
IOH = -20 mA (current limit)
0
0.4
tR, tF
Rise and fall time
CL = 100 pF; VCC = 5 or 3 V
0.1
µs
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO(inactive)
Output Voltage in Inactive
Mode
IO(inactive) = 1 mA
0
0.3
V
No Load
0
0.1
IO(inactive)
Output Current
CLK Inactive mode; pin grounded
0
-1
mA
VOL
Low Level Output Voltage
IOL = 200 µA
0
0.3
V
IOL = 70 mA (current limit)
VCC-0.4
VCC
VOH
High Level Output Voltage IOH = -200 µA
0.9VCC
VCC
V
IOH = -70 mA (current limit)
0
0.4
tR, tF
Rise and fall time
CL = 30 pF (Note 4)
16
ns
δ
Duty factor (except for
fXTALS)
CL = 30 pF (Note 4)
45
55
%
SR
Slew Rate
Slew up or down; CL = 30 pF
0.2
V/ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIL
Input Voltage LOW
-0.3
0.3VDD
V
VIH
Input Voltage HIGH
0.7VDD
VDD
V
|ILIH|
Input Leakage Current HIGH VIH = VDD
1µA
|ILIL|
Input Leakage Current LOW
VIL = 0
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com