Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024CTR Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST8024CTR
Description  SMARTCARD INTERFACE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024CTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST8024CTR Datasheet HTML 8Page - STMicroelectronics ST8024CTR Datasheet HTML 9Page - STMicroelectronics ST8024CTR Datasheet HTML 10Page - STMicroelectronics ST8024CTR Datasheet HTML 11Page - STMicroelectronics ST8024CTR Datasheet HTML 12Page - STMicroelectronics ST8024CTR Datasheet HTML 13Page - STMicroelectronics ST8024CTR Datasheet HTML 14Page - STMicroelectronics ST8024CTR Datasheet HTML 15Page - STMicroelectronics ST8024CTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
ST8024
12/23
Table 20: Clock frequency selection; (note 1)
NOTE 1: The status of pins CLKDIV1 and CLKDIV2 must not be changed simultaneously; a delay of 10 ns minimum between changes is
needed; the minimum duration of any state of CLK is eight periods of XTAL1.
The frequency change is synchronous, which means that during transition no pulse is shorter than 45% of
the smallest period, and that the first and last clock pulses about the instant of change have the correct
width.
When changing the frequency dynamically, the change is effective for only eight periods of XTAL1 after
the command. The duty factor of fXTAL depends on the signal present at pin XTAL1. In order to reach a 45
to 55% duty factor on pin CLK, the input signal on pin XTAL1 should have a duty factor of 48 to 52% and
transition times of less than 5% of the input signal period.
If a crystal is used, the duty factor on pin CLK may be 45 to 55% depending on the circuit layout and on
the crystal characteristics and frequency. In other cases, the duty factor on pin CLK is guaranteed
between 45 and 55% of the clock period.
The crystal oscillator runs as soon as the IC is powered up. If the crystal oscillator is used, or if the clock
pulse on pin XTAL1 is permanent, the clock pulse is applied to the card as shown in the activation
sequences shown in Figs 5 and 6.
If the signal applied to XTAL1 is controlled by the system microcontroller, the clock pulse will be applied
to the card when it is sent by the system microcontroller (after completion of the activation sequence).
I/O TRANSCEIVERS
The three data lines I/O, AUX1 and AUX2 are identical.The idle state is realized by both I/O and I/OUC
lines being pulled HIGH via a 11 k
Ω resistor (I/O to VCC and I/OUC to VDD). Pin I/O is referenced to VCC,
and pin I/OUC to VDD, thus allowing operation when VCC is not equal to VDD. The first side of the
transceiver to receive a falling edge becomes the master. An anti-latch circuit disables the detection of
falling edges on the line of the other side, which then becomes a slave. After a time delay td(edge), an N
transistor on the slave side is turned on, thus transmitting the logic 0 present on the master side. When the
master side returns to logic 1, a P transistor on the slave side is turned on during the time delay tpu and
then both sides return to their idle states. This active pull-up feature ensures fast LOW-to-HIGH
transitions; it is able to deliver more than 1 mA at an output voltage of up to 0.9 VCC into an 80 pF load.
At the end of the active pull-up pulse, the output voltage depends only on the internal pull-up resistor and
the load current. The current to and from the card I/O lines is limited internally to 15 mA and the maximum
frequency on these lines is 1 MHz.
INACTIVE MODE
After a Power-on reset, the circuit enters the inactive mode. A minimum number of circuits are active while
waiting for the microcontroller to start a session:
- All card contacts are inactive (approximately 200
Ω to GND)
- Pins I/OUC, AUX1UC and AUX2UC are in the high-impedance state (11 k
Ω pull-up resistor to VDD)
- Voltage generators are stopped
- XTAL oscillator is running
- Voltage supervisor is active
- The internal oscillator is running at its low frequency.
ACTIVATION SEQUENCE
After power-on and after the internal pulse width delay, the system microcontroller can check the
presence of a card using the signals OFF and CMDVCC as shown in Table 21.
CLKDIV1
CLKDIV2
fCLK
00
fXTAL/8
01
fXTAL/4
11
fXTAL/2
10
fXTAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com