Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL82 Datasheet(PDF) 1 Page - ams AG

Part # DL82
Description  CUB - 0.6 um CMOS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

DL82 Datasheet(HTML) 1 Page - ams AG

  DL82 Datasheet HTML 1Page - ams AG DL82 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DL82 is a transparent D-latch with 2x drive strength. The Q output follows the D input
when GN is low. The Q output is independent of D when GN is high and retains the
value of D just prior to the rising edge on GN.
Truth Table
D
GN
Q
QN
Capacitance
D
GN
Q
QN
Ci (pF)
L
L
L
H
D
0.013
H
L
H
L
GN
0.023
XH
no change
Area
Power
0.95 mils
2
4.61 µW / MHz
Delay [ns] = tpd.. = f(SL, L)
with SL = Input Slope [ns] ; L = Output Load [pF]
Output Slope [ns] = op_sl.. = f(L)
with L = Output Load [pF]
AC Characteristics :
Tj = 25°C
VDD = 3.3V
Typical Process
AC Characteristics
Characteristics
Symbol
SL = 0.1
SL = 2.0
L = 0.2
L = 1.4
L = 2.0
L = 0.2
L = 1.4
L = 2.0
Delay D to Q
tpddqr
1.02
2.48
3.19
1.11
2.57
3.26
tpddqf
1.27
2.59
3.16
1.45
2.76
3.33
Delay D to QN
tpddqnr
1.72
3.10
3.75
1.89
3.27
3.91
tpddqnf
1.47
2.62
3.17
1.57
2.71
3.26
Delay GN to Q
tpdgnqr
1.25
2.71
3.41
1.55
3.01
3.71
tpdgnqf
1.57
2.89
3.46
1.86
3.19
3.76
Delay GN to QN
tpdgnqnr
2.04
3.43
4.13
2.34
3.72
4.44
tpdgnqnf
1.71
2.86
3.45
2.02
3.17
3.73
Output Slope D to Q
op_sldqr
1.07
5.30
7.32
1.08
5.27
7.28
op_sldqf
1.01
4.05
5.30
1.00
4.02
5.32
Output Slope D to QN
op_sldqnr
1.01
5.13
7.25
0.96
5.18
7.20
op_sldqnf
0.78
3.78
5.45
0.78
3.77
5.41
Output Slope GN to Q
op_slgnqr
1.03
5.13
7.50
1.05
5.28
7.33
op_slgnqf
0.98
4.01
5.32
1.00
3.98
5.73
Output Slope GN to QN
op_slgnqnr
1.00
5.15
7.25
1.00
5.11
7.38
op_slgnqnf
0.76
3.81
5.42
0.75
3.80
5.50
Sept. 1996
- 140 -
Rev. N/C
Austria Mikro S ysteme International
R
0.6 µm CMOS
CUB
DL82
DL82


Similar Part No. - DL82

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
DL8 MSYSTEM-DL8 Datasheet
887Kb / 9P
WEB-ENABLED REMOTE TERMINAL UNIT
DL8-A-R MSYSTEM-DL8-A-R Datasheet
887Kb / 9P
WEB-ENABLED REMOTE TERMINAL UNIT
DL8-A-R/C01 MSYSTEM-DL8-A-R/C01 Datasheet
887Kb / 9P
WEB-ENABLED REMOTE TERMINAL UNIT
DL8-A-R/C02 MSYSTEM-DL8-A-R/C02 Datasheet
887Kb / 9P
WEB-ENABLED REMOTE TERMINAL UNIT
DL8-B-R MSYSTEM-DL8-B-R Datasheet
887Kb / 9P
WEB-ENABLED REMOTE TERMINAL UNIT
More results

Similar Description - DL82

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C21164096 MOSEL-V62C21164096 Datasheet
183Kb / 10P
256K x 16, 0.20 um CMOS STATIC RAM
V62C2164096 MOSEL-V62C2164096 Datasheet
186Kb / 10P
256K x 16, 0.17 um CMOS STATIC RAM
logo
ams AG
ON33 AMSCO-ON33 Datasheet
12Kb / 1P
0.35 UM CMOS
DF92 AMSCO-DF92 Datasheet
14Kb / 2P
0.6 um CMOS
OB33 AMSCO-OB33 Datasheet
7Kb / 1P
OB33 is a 4.0 mA output pad cell, 0.6 um CMOS
logo
ATMEL Corporation
MH1RT ATMEL-MH1RT Datasheet
789Kb / 22P
Radiation Tolerant 0.35 um CMOS
logo
ams AG
AO32 AMSCO-AO32 Datasheet
18Kb / 2P
CUB 0.6 關m CMOS
logo
List of Unclassifed Man...
GA32C3 ETC2-GA32C3 Datasheet
46Kb / 1P
UM-1, UM-4, UM-5 Microprocessor Crystal
logo
Caliber Electronics Inc...
GA32C1 CALIBER-GA32C1 Datasheet
51Kb / 1P
UM-1, UM-4, UM-5 Microprocessor Crystal
logo
Fronter Electronics Co....
FT21M07A FRONTER-FT21M07A Datasheet
122Kb / 1P
UM-1, UM-5 DIP TYPE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com