Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5011AND Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # CF5011AND
Description  1.8V Crystal Oscillator Module ICs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5011AND Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  CF5011AND Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5011AND Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5011AND Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5011AND Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5011AND Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5011AND Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5011AND Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CF5011 series
NIPPON PRECISION CIRCUITS INC.—3
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0V
Recommended Operating Conditions
VSS = 0V, f ≤ 70MHz, CL = 15pF unless otherwise noted.
Electrical Characteristics
VDD = 1.6 to 2.0V, VSS = 0V, Ta = −20 to +80°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
−0.5 to +3.6
V
Input voltage range
VIN
−0.5 to VDD + 0.5
V
Output voltage range
VOUT
−0.5 to VDD + 0.5
V
Operating temperature range
Topr
−40 to +85
°C
Storage temperature range
Tstg
−65 to +150
°C
Output current
IOUT
25
mA
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Supply voltage
VDD
1.6
–
2.0
V
Input voltage
VIN
VSS
–VDD
V
Operating temperature
TOPR
−20
–
+80
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, VDD = 1.6V, IOH = 8mA
1.1
1.3
–
V
LOW-level output voltage
VOL
Q: Measurement cct 2, VDD = 1.6V, IOL = 8mA
–
0.3
0.4
V
Output leakage current
IZ
Q: Measurement cct 2, INHN = LOW,
VDD = 2.0V
VOH = VDD
–
–
10
µA
VOL = VSS
–
–
10
µA
HIGH-level input voltage
VIH
INHN
0.7VDD
––
V
LOW-level input voltage
VIL
INHN
–
–
0.3VDD
V
Current consumption
IDD
Measurement cct 3, load cct 1, INHN = open, CL = 15pF,
f = 70MHz
–9
18
mA
Standby current
IST
Measurement cct 3, INHN = LOW
CF5011AL
×
–
–
100
µA
INHN pull-up resistance
RUP1
Measurement cct 4, INHN = LOW
CF5011AL
×
0.4
–
8
M
Ω
RUP2
Measurement cct 4, INHN = 0.7VDD
CF5011AL
×
CF5011AN
×
50
–
150
k
Ω
AC feedback resistance
Rf1
Design value, determined by the
internal wafer pattern
CF5011ALA, ANA
3.20
4.0
4.80
k
Ω
CF5011ALB, ANB
3.12
3.9
4.68
k
Ω
CF5011ALC, ANC
1.76
2.2
2.64
k
Ω
CF5011ALD, AND
2.16
2.7
3.24
k
Ω
DC feedback resistance
Rf2
Measurement cct 5
50
–
150
k
Ω
AC feedback capacitance
Cf
Design value, determined by the internal wafer pattern
9.3
10
10.7
pF
Built-in capacitance
CG
Design value, determined by the
internal wafer pattern
CF5011ALA, ANA
13.02
14
14.98
pF
CF5011ALB, ALC, ALD
CF5011ANB, ANC, AND
7.44
8
8.56
pF
CD
Design value, determined by the
internal wafer pattern
CF5011ALA, ANA
14.88
16
17.12
pF
CF5011ALB, ALC, ALD
CF5011ANB, ANC, AND
14.88
16
17.12
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com