Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5011AND Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # CF5011AND
Description  1.8V Crystal Oscillator Module ICs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5011AND Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  CF5011AND Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5011AND Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5011AND Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5011AND Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5011AND Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5011AND Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5011AND Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CF5011 series
NIPPON PRECISION CIRCUITS INC.—4
Switching Characteristics
VDD = 1.6 to 2.0V, VSS = 0V, Ta = −20 to +80°C unless otherwise noted.
Current consumption and Output waveform with NPC’s standard crystal
FUNCTIONAL DESCRIPTION
Standby Function
Output three-state function (CF5011AL
×, CF5011AN×)
When INHN goes LOW, the oscillator output on Q goes high impedance.
Oscillator stop function (CF5011AL
×)
When INHN goes LOW, the oscillator stops.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr
Measurement cct 3, load cct 1, 0.2VDD to 0.8VDD , CL = 15pF
–
1
3.5
ns
Output fall time
tf
Measurement cct 3, load cct 1, 0.8VDD to 0.2VDD , CL = 15pF
–
1
3.5
ns
Output duty cycle1
1. Monitored in sample lots.
Duty
Measurement cct 3, load cct 1, Ta = 25
°C, VDD = 1.8V, CL = 15pF,
f
≤ 70MHz
40–60
%
Output disable delay time2
2. In the case of the CF5011AL
×, oscillator stop function is built-in. When INHN goes LOW, normal output stops. When INHN goes HIGH, normal output
is not resumed until after the oscillator start-up time has elapsed.
tPLZ
Measurement cct 3, load cct 1, Ta = 25
°C, VDD = 1.6V, CL ≤ 15pF
–
–
100
ns
Output enable delay time2
tPZL
–
–
100
ns
Version
INHN
Q
Oscillator
CF5011AL
×
HIGH (or open)
fO output frequency
Normal operation
LOW
High impedance
Stop
CF5011AN
×
HIGH (or open)
fO output frequency
Normal operation
LOW
High impedance
Normal operation
f (MHz)
R (
Ω)
L (mH)
Ca (fF)
Cb (pF)
30
18.62
16.24
1.733
5.337
40
20.53
11.34
1.396
3.989
50
22.17
7.40
1.370
4.105
60
15.37
3.83
1.836
5.191
70
25.42
4.18
1.254
5.170
L
Ca
R
Cb



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com