Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5011AND Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # CF5011AND
Description  1.8V Crystal Oscillator Module ICs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5011AND Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  CF5011AND Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5011AND Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5011AND Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5011AND Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5011AND Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5011AND Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5011AND Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CF5011 series
NIPPON PRECISION CIRCUITS INC.—5
MEASUREMENT CIRCUITS
Measurement cct 1
1.0VP−P , 10MHz sine wave input signal
C1 : 0.001
µF
R1 : 50
Ω
R2 : 137.5
Ω
Measurement cct 4
Measurement cct 2
Measurement cct 5
Measurement cct 3
Load cct 1
CL = 15pF
Signal
Generator
VDD
VSS
XT
Q
R1
R2
C1
VOH
0V
Q output
INHN
XTN
VDD
VSS
IPR
INHN
A
RUP1 =
VDD
IPR
(VPR = VSS)
RUP2 =
IPR
(VPR = 0.7V DD)
XT
X'tal
XTN
VPR
V
VDD VPR
Q
VDD
VSS
Q
VOL
V
A
IOL, IZ
IZ
INHN
XT
XTN
VDD
VSS
IRf
Rf2 =
XT
VDD
IRf
XTN
A
INHN
VDD
VSS
XT
Q
X'tal
XTN
INHN
IDD
A
Q output
CL
(Including probe capacitance)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com