Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV7320 Datasheet(PDF) 13 Page - Analog Devices

Part # ADMV7320
Description  E-Band Upconverter SiP, 81 GHz to 86 GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV7320 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADMV7320 Datasheet HTML 9Page - Analog Devices ADMV7320 Datasheet HTML 10Page - Analog Devices ADMV7320 Datasheet HTML 11Page - Analog Devices ADMV7320 Datasheet HTML 12Page - Analog Devices ADMV7320 Datasheet HTML 13Page - Analog Devices ADMV7320 Datasheet HTML 14Page - Analog Devices ADMV7320 Datasheet HTML 15Page - Analog Devices ADMV7320 Datasheet HTML 16Page - Analog Devices ADMV7320 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Data Sheet
ADMV7320
Rev. C | Page 13 of 29
TA = 25°C, IF = 0.1 GHz, IF input power = −4 dBm combined, LO power = +4 dBm, gain adjusted per the Applications Information
section, and upper sideband selected, unless otherwise noted.
40
20
81.0
86.0
RF FREQUENCY (GHz)
22
24
26
28
30
32
34
36
38
81.5 82.0 82.5 83.0 83.5 84.0 84.5 85.0 85.5
+85°C
+25°C
–40°C
Figure 36. Maximum Conversion Gain vs. RF Frequency over Temperature, IF
Input Power = −20 dBm
40
20
81.0
86.0
RF FREQUENCY (GHz)
22
24
26
28
30
32
34
36
38
81.5 82.0 82.5 83.0 83.5 84.0 84.5 85.0 85.5
+85°C
+25°C
–40°C
Figure 37. Output IP3 vs. RF Frequency over Temperature, Gain = 23.5 dB
60
10
15
20
25
30
35
40
45
50
55
81.0
86.0
RF FREQUENCY (GHz)
81.5 82.0 82.5 83.0 83.5 84.0 84.5 85.0 85.5
+85°C
+25°C
–40°C
Figure 38. Sideband Rejection vs. RF Frequency over Temperature,
Gain = 23.5 dB
14
12
10
8
6
4
2
0
81.0
86.0
RF FREQUENCY (GHz)
81.5 82.0 82.5 83.0 83.5 84.0 84.5 85.0 85.5
+85°C
+25°C
–40°C
Figure 39. 6× LO Rejection vs. RF Frequency over Temperature,
Gain = 23.5 dB
30
10
81.0
86.0
RF FREQUENCY (GHz)
12
14
16
18
20
22
24
26
28
81.5 82.0 82.5 83.0 83.5 84.0 84.5 85.0 85.5
+85°C
+25°C
–40°C
Figure 40. Output P1dB vs. RF Frequency over Temperature,
Gain = 23.5 dB
30
29
28
27
26
25
24
23
22
21
20
81.0
86.0
RF FREQUENCY (GHz)
81.5 82.0 82.5 83.0 83.5 84.0 84.5 85.0 85.5
+85°C
+25°C
–40°C
Figure 41. PSAT vs. RF Frequency over Temperature, Gain = 23.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com